| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T494B686M004AS bảng dữ liệu(PDF) 2 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
T494B686M004AS bảng dữ liệu(HTML) 2 Page - Kemet Corporation |
|
2 / 3 page ![]() KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 SOLID TANTALUM CHIP CAPACITORS T494 SERIES—Low ESR, Industrial Grade 22 KEMET ® T494 RATINGS & PART NUMBER REFERENCE *Extended Values **6 Volt product equivalent to 6.3 volt product. (1) To complete KEMET Part Number, insert M for ±20% tolerance or K for ±10% tolerance. Higher voltage ratings, lower ESR, and tighter capacitance tolerance product may be substituted within the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating. #Maximum Capacitance Change @ 125ºC=+15%. †Maximum Capacitance Change @ 125ºC=+20%. New Values in Red Capaci- tance µF Case Size KEMET Part Number DC Leakage µA @ 25°C Max DF % @ +25ºC 120 Hz Max ESR Ω @ +25ºC 100 kHz Max 68.0 D T494D686(1)006AS 4.1 6.0 0.20 #68.0 *C T494C686(1)006AS 4.1 6.0 0.20 #68.0 *U T494U686(1)006AS 4.1 10.0 1.00 #68.0 *B T494B686M006AS 4.1 8.0 0.65 100.0 D T494D107(1)006AS 6.0 8.0 0.15 100.0 V T494V107(1)006AS 6.0 8.0 0.20 #100.0 *C T494C107(1)006AS 6.0 8.0 0.30 #100.0 U T494U107M006AS 6.0 10.0 1.20 #100.0 *B T494B107M006AS 6.3 15.0 8.00 150.0 D T494D157(1)006AS 9.0 8.0 0.15 #150.0 *C T494C157M006AS 9.0 8.0 0.30 #150.0 *V T494V157(1)006AS 9.0 8.0 0.30 220.0 X T494X227(1)006AS 13.2 8.0 0.15 #220.0 *D T494D227(1)006AS 13.2 8.0 0.15 #220.0 *C T494C227M006AS 13.2 10.0 0.30 #220.0 *V T494V227M006AS 13.2 12.0 0.30 #330.0 *X T494X337(1)006AS 19.8 8.0 0.15 #330.0 *D T494D337(1)006AS 19.8 8.0 0.15 #470.0 *X T494X477(1)006AS 28.2 10.0 0.10 #470.0 *D T494D477M006AS 28.2 12.0 0.15 #680.0 E T494E687M006AS 40.8 12.0 0.10 1.5 A T494A155(1)010AS 0.5 6.0 6.0 2.2 A T494A225(1)010AS 0.5 6.0 6.0 3.3 A T494A335(1)010AS 0.5 6.0 4.0 3.3 S T494S335(1)010AS 0.5 6.0 9.0 #3.3 *R T494R335(1)010AS 0.3 8.0 10.0 4.7 B T494B475(1)010AS 0.5 6.0 1.5 4.7 A T494A475(1)010AS 0.5 6.0 3.0 #4.7 *S T494S475(1)010AS 0.5 6.0 9.0 #4.7 *R T494R475M010AS 0.5 8.0 8.0 6.8 B T494B685(1)010AS 0.7 6.0 1.2 6.8 A T494A685(1)010AS 0.7 6.0 3.0 6.8 T T494T685(1)010AS 0.7 6.0 2.0 #6.8 *S T494S685M010AS 0.7 10.0 9.0 10.0 C T494C106(1)010AS 1.0 6.0 0.6 10.0 B T494B106(1)010AS 1.0 6.0 0.8 #10.0 *A T494A106(1)010AS 1.0 6.0 1.8 #10.0 *T T494T106(1)010AS 1.0 6.0 3.5 #10.0 S T494S106M010AS 1.0 10.0 12.0 15.0 C T494C156(1)010AS 1.5 6.0 0.5 15.0 U T494U156(1)010AS 1.5 6.0 0.8 15.0 B T494B156(1)010AS 1.5 6.0 0.7 #15.0 *A T494A156(1)010AS 1.5 8.0 4.0 #15.0 *T T494T156M010AS 1.5 8.0 3.5 22.0 C T494C226(1)010AS 2.2 6.0 0.4 22.0 U T494U226(1)010AS 2.2 6.0 0.8 #22.0 *B T494B226(1)010AS 2.2 6.0 0.7 #22.0 *A T494A226M010AS 2.2 10.0 4.5 #22.0 T T494T226M010AS 2.2 12.0 6.0 33.0 D T494D336(1)010AS 3.3 6.0 0.25 33.0 V T494V336(1)010AS 3.3 6.0 0.30 33.0 C T494C336(1)010AS 3.3 6.0 0.30 #33.0 *U T494U336(1)010AS 3.3 6.0 0.60 #33.0 *B T494B336(1)010AS 3.3 6.0 2.00 47.0 D T494D476(1)010AS 4.7 6.0 0.22 47.0 V T494V476(1)010AS 4.7 6.0 0.30 #47.0 *C T494C476(1)010AS 4.7 6.0 0.30 #47.0 *U T494U476(1)010AS 4.7 10.0 1.20 #47.0 *B T494B476M010AS 4.7 8.0 0.65 68.0 D T494D686(1)010AS 6.8 6.0 0.20 #68.0 *C T494C686(1)010AS 6.8 6.0 0.30 68.0 V T494V686(1)010AS 6.8 6.0 0.30 #68.0 U T494U686M010AS 6.8 10.0 1.20 #68.0 *B T494B686M010AS 6.8 10.0 1.50 100.0 D T494D107(1)010AS 10.0 8.0 0.15 #100.0 *C T494C107(1)010AS 10.0 8.0 0.20 #100.0 *V T494V107(1)010AS 10.0 8.0 0.40 150.0 X T494X157(1)010AS 15.0 8.0 0.15 #150.0 *D T494D157(1)010AS 15.0 8.0 0.15 #150.0 *C T494C157(1)010AS 15.0 10.0 0.90 #150.0 V T494V157M010AS 15.0 8.0 0.30 #220.0 *X T494X227(1)010AS 22.0 8.0 0.15 #220.0 *D T494D227(1)010AS 22.0 8.0 0.15 #220.0 *V T494V227(1)010AS 22.0 12.0 0.50 #330.0 X T494X337(1)010AS 33.0 10.0 0.10 #330.0 *D T494D337M010AS 33.0 10.0 0.15 #470.0 E T494E477M010AS 47.0 12.0 0.10 10 Volt Rating at +85ºC (7 Volt Rating at +125ºC) **6 Volt Rating at +85ºC (4 Volt Rating at +125ºC) Capaci- tance µF Case Size KEMET Part Number DC Leakage µA @ 25°C Max DF % @ +25ºC 120 Hz Max ESR Ω @ +25ºC 100 kHz Max #33.0 *A T494A336(1)003AS 1.0 6.0 2.0 3.3 A T494A335(1)004AS 0.5 6.0 4.0 4.7 A T494A475(1)004AS 0.5 6.0 3.5 6.8 A T494A685(1)004AS 0.5 6.0 3.0 6.8 S T494S685(1)004AS 0.5 6.0 7.0 10.0 B T494B106(1)004AS 0.5 6.0 1.2 10.0 A T494A106(1)004AS 0.5 6.0 2.0 #10.0 *S T494S106(1)004AS 0.5 6.0 9.0 #10.0 *R T494R106M004AS 0.5 8.0 6.0 15.0 B T494B156(1)004AS 0.6 6.0 1.2 15.0 A T494A156(1)004AS 0.6 6.0 1.5 15.0 T T494T156(1)004AS 0.6 6.0 2.0 #15.0 *S T494S156M004AS 0.6 10.0 9.0 22.0 C T494C226(1)004AS 0.9 6.0 0.5 22.0 B T494B226(1)004AS 0.9 6.0 0.6 #22.0 *A T494A226(1)004AS 0.9 6.0 1.5 #22.0 *S T494S226M004AS 0.9 10.0 8.0 #22.0 *T T494T226(1)004AS 0.9 6.0 2.5 33.0 C T494C336(1)004AS 1.3 6.0 0.5 33.0 U T494U336(1)004AS 1.3 6.0 0.6 33.0 B T494B336(1)004AS 1.3 6.0 0.5 #33.0 *A T494A336(1)004AS 1.3 6.0 3.0 #33.0 *T T494T336M004AS 1.3 8.0 3.5 47.0 C T494C476(1)004AS 1.9 6.0 0.5 47.0 U T494U476(1)004AS 1.9 6.0 0.6 #47.0 *B T494B476(1)004AS 1.9 6.0 0.5 #47.0 *A T494A476M004AS 1.9 12.0 2.0 #47.0 T T494T476M004AS 1.9 12.0 4.0 68.0 D T494D686(1)004AS 2.7 6.0 0.20 68.0 C T494C686(1)004AS 2.7 6.0 0.25 #68.0 *U T494U686(1)004AS 2.7 6.0 0.60 #68.0 *B T494B686(1)004AS 2.7 6.0 2.00 #68.0 A T494A686(1)004AS 2.8 30.0 3.00 100.0 D T494D107(1)004AS 4.0 8.0 0.20 #100.0 *C T494C107(1)004AS 4.0 8.0 0.20 #100.0 *U T494U107(1)004AS 4.0 10.0 1.00 #100.0 *B T494B107M004AS 4.0 8.0 0.65 #100.0 *A T494A107M004AS 4.0 30.0 3.00 #100.0 *T T494T107M004AS 4.0 30.0 4.50 150.0 D T494D157(1)004AS 6.0 8.0 0.15 150.0 V T494V157(1)004AS 6.0 8.0 0.20 #150.0 *C T494C157(1)004AS 6.0 8.0 0.30 †150.0 *B T494B157M004AS 6.0 12.0 1.00 #220.0 *V T494V227(1)004AS 8.8 8.0 0.30 #330.0 *D T494D337(1)004AS 13.2 8.0 0.15 #330.0 *C T494C337(1)004AS 13.2 10.0 0.09 #330.0 *V T494V337M004AS 13.2 12.0 0.30 #470.0 *X T494X477(1)004AS 18.8 8.0 0.15 #470.0 *D T494D477(1)004AS 18.8 8.0 0.15 #680.0 *X T494X687M004AS 27.2 12.0 0.10 #680.0 D T494D687M004AS 27.2 12.0 0.15 #1000.0 *X T494X108(1)004AS 40.0 12.0 0.10 #1000.0 *E T494E108M004AS 40.0 15.0 0.08 2.2 A T494A225(1)006AS 0.5 6.0 6.0 3.3 A T494A335(1)006AS 0.5 6.0 6.0 4.7 A T494A475(1)006AS 0.5 6.0 3.5 4.7 S T494S475(1)006AS 0.5 6.0 8.0 6.8 B T494B685(1)006AS 0.5 6.0 1.2 6.8 A T494A685(1)006AS 0.5 6.0 2.0 #6.8 *S T494S685(1)006AS 0.5 6.0 9.0 #6.8 *R T494R685(1)006AS 0.5 8.0 10.0 10.0 B T494B106(1)006AS 0.6 6.0 1.0 10.0 A T494A106(1)006AS 0.6 6.0 2.0 10.0 T T494T106(1)006AS 0.6 6.0 1.2 #10.0 *S T494S106M006AS 0.6 10.0 9.0 #10.0 *R T494R106M006AS 0.6 8.0 6.0 15.0 C T494C156(1)006AS 0.9 6.0 0.6 15.0 B T494B156(1)006AS 0.9 6.0 0.7 #15.0 *A T494A156(1)006AS 0.9 6.0 2.0 #15.0 *T T494T156(1)006AS 0.9 6.0 2.5 #15.0 S T494S156M006AS 0.9 10.0 10.0 22.0 C T494C226(1)006AS 1.4 6.0 0.5 22.0 U T494U226(1)006AS 1.4 6.0 0.8 22.0 B T494B226(1)006AS 1.4 6.0 0.6 #22.0 *A T494A226(1)006AS 1.4 6.0 3.0 #22.0 *T T494T226M006AS 1.4 8.0 3.5 33.0 C T494C336(1)006AS 2.0 6.0 0.3 33.0 U T494U336(1)006AS 2.0 6.0 0.6 #33.0 *B T494B336(1)006AS 2.0 6.0 0.6 #33.0 *A T494A336M006AS 2.0 12.0 2.0 #33.0 T T494T336M006AS 2.0 12.0 4.0 47.0 D T494D476(1)006AS 2.9 6.0 0.22 47.0 C T494C476(1)006AS 2.9 6.0 0.25 #47.0 *U T494U476(1)006AS 2.9 6.0 0.60 #47.0 *B T494B476(1)006AS 2.9 6.0 0.50 †47.0 *A T494A476M006AS 3.0 12.0 2.50 3 Volt Rating at +85ºC (2 Volt Rating at +125ºC) 4 Volt Rating at +85ºC (2.7 Volt Rating at +125ºC) **6 Volt Rating at +85ºC (4 Volt Rating at +125ºC) |