công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMFT3055VT1 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MMFT3055VT1
Giải thích chi tiết về linh kiện  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMFT3055VT1 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MMFT3055VT1 Datasheet HTML 1Page - ON Semiconductor MMFT3055VT1 Datasheet HTML 2Page - ON Semiconductor MMFT3055VT1 Datasheet HTML 3Page - ON Semiconductor MMFT3055VT1 Datasheet HTML 4Page - ON Semiconductor MMFT3055VT1 Datasheet HTML 5Page - ON Semiconductor MMFT3055VT1 Datasheet HTML 6Page - ON Semiconductor MMFT3055VT1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMFT3055V
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(Cpk ≥ 2.0) (Note 3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
−
−
63
−
−
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
−
−
−
−
10
100
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(Cpk ≥ 2.0) (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
−
2.8
5.6
4.0
−
Vdc
mV/°C
Static Drain−to−Source On−Resistance
(Cpk ≥ 2.0) (Note 3)
(VGS = 10 Vdc, ID = 0.85 Adc)
RDS(on)
−
0.115
0.13
W
Drain−to−Source On−Voltage
(VGS = 10 Vdc, ID = 1.7 Adc)
(VGS = 10 Vdc, ID = 0.85 Adc, TJ = 150°C)
VDS(on)
−
−
−
−
0.27
0.25
Vdc
Forward Transconductance (VDS = 8.0 Vdc, ID = 1.7 Adc)
gFS
1.0
2.7
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
−
360
500
pF
Output Capacitance
Coss
−
110
150
Transfer Capacitance
Crss
−
25
50
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 1.7 Adc,
VGS = 10 Vdc, RG = 9.1 W)
td(on)
−
8.0
20
ns
Rise Time
tr
−
9.0
20
Turn−Off Delay Time
td(off)
−
32
60
Fall Time
tf
−
18
40
Gate Charge
(VDS = 48 Vdc, ID = 1.7 Adc,
VGS = 10 Vdc)
QT
−
13
20
nC
Q1
−
2.0
−
Q2
−
5.0
−
Q3
−
4.0
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 1)
(IS = 1.7 Adc, VGS = 0 Vdc)
(IS = 1.7 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
−
−
0.85
0.7
1.6
−
Vdc
Reverse Recovery Time
(IS = 1.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms)
trr
−
40
−
ns
ta
−
34
−
tb
−
6.0
−
Reverse Recovery Stored Charge
QRR
−
0.089
−
mC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25″ from package to center of die)
LD
−
4.5
−
nH
Internal Source Inductance
(Measured from the source lead 0.25″ from package to source bond pad)
LS
−
7.5
−
nH
1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.
3. Reflects typical values.
Cpk =
Max limit − Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com