công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMDF6N02HDR2 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MMDF6N02HDR2
Giải thích chi tiết về linh kiện  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF6N02HDR2 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MMDF6N02HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF6N02HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF6N02HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF6N02HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF6N02HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF6N02HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF6N02HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF6N02HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF6N02HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMDF6N02HD
http://onsemi.com
5
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
RG, GATE RESISTANCE (OHMS)
1
10
100
100
10
1
VDD = 10 V
ID = 3.5 A
VGS = 4.0 V
TJ = 25°C
tr
tf
td(off)
td(on)
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
40
20
10
30
0
0
6
3
0
QT, TOTAL CHARGE (nC)
12
9
24
6
8
14
ID = 6 A
TJ = 25°C
10
12
VDS
VGS
QT
Q2
Q3
Q1
16
1000
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode
are very important in systems using it as a freewheeling or
commutating diode. Of particular interest are the reverse
recovery characteristics which play a major role in
determining switching losses, radiated noise, EMI and RFI.
System switching losses are largely due to the nature of
the body diode itself. The body diode is a minority carrier
device, therefore it has a finite reverse recovery time, trr, due
to the storage of minority carrier charge, QRR, as shown in
the typical reverse recovery wave form of Figure 15. It is this
stored charge that, when cleared from the diode, passes
through a potential and defines an energy loss. Obviously,
repeatedly forcing the diode through reverse recovery
further increases switching losses. Therefore, one would
like a diode with short trr and low QRR specifications to
minimize these losses.
The abruptness of diode reverse recovery effects the
amount of radiated noise, voltage spikes, and current
ringing. The mechanisms at work are finite irremovable
circuit parasitic inductances and capacitances acted upon by
high di/dts. The diode’s negative di/dt during ta is directly
controlled by the device clearing the stored charge.
However, the positive di/dt during tb is an uncontrollable
diode characteristic and is usually the culprit that induces
current ringing. Therefore, when comparing diodes, the
ratio of tb/ta serves as a good indicator of recovery
abruptness and thus gives a comparative estimate of
probable noise generated. A ratio of 1 is considered ideal and
values less than 0.5 are considered snappy.
Compared to ON Semiconductor standard cell density
low voltage MOSFETs, high cell density MOSFET diodes
are faster (shorter trr), have less stored charge and a softer
reverse recovery characteristic. The softness advantage of
the high cell density diode means they can be forced through
reverse recovery at a higher di/dt than a standard cell
MOSFET diode without increasing the current ringing or the
noise generated. In addition, power dissipation incurred
from switching the diode will be less due to the shorter
recovery time and lower switching losses.
0.5
0.55
0.6
0.65
0.7
0
2
4
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
3
0.75
0.8
1
5
6
VGS = 0 V
TJ = 25°C
0.85
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com