| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8260CVR bảng dữ liệu(PDF) 16 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8260CVR bảng dữ liệu(HTML) 16 Page - Motorola, Inc |
|
16 / 48 page ![]() 16 MPC826xA (HiP4) Family Hardware Specifications MOTOROLA Electrical and Thermal Characteristics Figure 7 shows TDM input and output signals. Figure 7. TDM Signal Diagram Figure 8 shows PIO, timer, and DMA signals. Figure 8. PIO, Timer, and DMA Signal Diagram Serial CLKin TDM input signals TDM output signals sp20 sp21 sp40/sp41 Note: There are four possible TDM timing conditions: 1. Input sampled on the rising edge and output driven on the rising edge (shown). 2. Input sampled on the rising edge and output driven on the falling edge. 3. Input sampled on the falling edge and output driven on the falling edge. 4. Input sampled on the falling edge and output driven on the rising edge. Sys clk PIO/IDMA/TIMER[TGATE assertion] input signals IDMA output signals sp22 sp23 sp42/sp43 TIMER(sp42/43)/ PIO(sp42a/sp43a) sp42a/sp43a output signals sp42/sp43 TIMER input signal [TGATE deassertion] sp22 sp23 Note: TGATE is asserted on the rising edge of the clock; it is deasserted on the falling edge. (See note) (See note) |