| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8264AVR bảng dữ liệu(PDF) 21 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8264AVR bảng dữ liệu(HTML) 21 Page - Motorola, Inc |
|
21 / 48 page ![]() MOTOROLA MPC826xA (HiP4) Family Hardware Specifications 21 Clock Configuration Modes Table 13. Clock Configuration Modes1 MODCK_H–MODCK[1–3] Input Clock Frequency2,3 CPM Multiplication Factor2 CPM Frequency2 Core Multiplication Factor2 Core Frequency2 0001_000 33 MHz 2 66 MHz 4 133 MHz 0001_001 33 MHz 2 66 MHz 5 166 MHz 0001_010 33 MHz 2 66 MHz 6 200 MHz 0001_011 33 MHz 2 66 MHz 7 233 MHz 0001_100 33 MHz 2 66 MHz 8 266 MHz 0001_101 33 MHz 3 100 MHz 4 133 MHz 0001_110 33 MHz 3 100 MHz 5 166 MHz 0001_111 33 MHz 3 100 MHz 6 200 MHz 0010_000 33 MHz 3 100 MHz 7 233 MHz 0010_001 33 MHz 3 100 MHz 8 266 MHz 0010_010 33 MHz 4 133 MHz 4 133 MHz 0010_011 33 MHz 4 133 MHz 5 166 MHz 0010_100 33 MHz 4 133 MHz 6 200 MHz 0010_101 33 MHz 4 133 MHz 7 233 MHz 0010_110 33 MHz 4 133 MHz 8 266 MHz 0010_111 33 MHz 5 166 MHz 4 133 MHz 0011_000 33 MHz 5 166 MHz 5 166 MHz 0011_001 33 MHz 5 166 MHz 6 200 MHz 0011_010 33 MHz 5 166 MHz 7 233 MHz 0011_011 33 MHz 5 166 MHz 8 266 MHz 0011_100 33 MHz 6 200 MHz 4 133 MHz 0011_101 33 MHz 6 200 MHz 5 166 MHz 0011_110 33 MHz 6 200 MHz 6 200 MHz 0011_111 33 MHz 6 200 MHz 7 233 MHz 0100_000 33 MHz 6 200 MHz 8 266 MHz |