| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5907AF bảng dữ liệu(PDF) 29 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5907AF bảng dữ liệu(HTML) 29 Page - Nippon Precision Circuits Inc |
|
29 / 30 page ![]() NIPPON PRECISION CIRCUITS-29 SM5907AF Connection example 4M DRAM × 1 or 2 typical connection 16M DRAM × 1 or 2 typical connection DRAM OE pin is tied LOW. In response to the YFLAG input, the 85H command (option settings) should be: D5: YFLGS =1, D4: YFCKP set to the YFLAG active level. If YFLAG is active LOW, set YFCKP=0. If YFLAG is active HIGH, set YFCKP=1. If 4M DRAM × 2 are used, use A10/NCAS2 pin. If 16M DRAM × 2 are used, use NCAS3 pin. Micro- controller CD DSP D/A converter SM5907 4M DRAM 1 4M DRAM 2 YMDATA YMCLK YMLD ZSENSE YBLKCK YFLAG YFCLK YLRCK YSCK YSRDATA ZLRCK ZSCK ZSRDATA UC1 to UC5 NRAS NWE A0 to A9 D0 to D3 NCAS2 A0 to A9 D0 to D3 A0 to A9 D0 to D3 CLK NRESET YDMUTE NCAS RAS WE OE CAS RAS WE OE CAS NRAS NWE A0 to A9 D0 to D3 Micro- controller CD DSP D/A converter SM5907 16M DRAM 1 16M DRAM 2 YMDATA YMCLK YMLD ZSENSE YBLKCK YFLAG YFCLK YLRCK YSCK YSRDATA ZLRCK ZSCK ZSRDATA UC1 to UC5 NRAS NWE A0 to A10 D0 to D3 NCAS3 A0 to A10 D0 to D3 A0 to A10 D0 to D3 CLK NRESET YDMUTE NCAS RAS WE OE CAS RAS WE OE CAS NRAS NWE A0 to A10 D0 to D3 |