| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STI5514TWC bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI5514TWC bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 2 page ![]() DATA BRIEF April 2004 1/2 STi5514 Set-top box decoder with hard disk drive capability for digital TV, digital set-top box or cable box ® Description STMicroelectronics, the world leading supplier of MPEG-2 decoders, offers a complete range of integrated circuits for set-top box applications. The STi5514 device integrates a 32-bit CPU, an MPEG- 2 decoder and many of the peripheral functions required by today’s powerful STBs. Additionally, the STi5514 can simultaneously demultiplex three transport streams and manage multiple descrambling modes and conditional access standards, making it the ideal solution for low cost STBs requiring DVR (digital video recorder) functionality. Together with the STi5516 and STi5517 devices, the STi5514 provides a scalable STB decoding solution reducing time to market for manufacturers by making the reuse of hardware and software components as easy as possible across a range of products. Complementing the STi5514, STMicroelectronics has developed the STV0299, STV0297 and STV0360 demodulator devices to deliver a complete chipset offering for satellite, cable and terrestrial STB requirements. Application: Set-top box applications with digital video recorder (DVR) functionality Flash SDRAM (optional) SDRAM MAFE VCR RS232 CVBS/YC 32 RGB PSTN IR Tx/Rx HDD 2 x QPSK ZIF Rx STV03 STV0399 Smart Cards Smartcards STi5514 EMI ATA Comms SMI |
Số phần tương tự - STI5514TWC |
|
Mô tả tương tự - STI5514TWC |