công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5903BF bảng dữ liệu(PDF) 18 Page - Nippon Precision Circuits Inc

tên linh kiện SM5903BF
Giải thích chi tiết về linh kiện  compression and non compression type shock-proof memory controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5903BF bảng dữ liệu(HTML) 18 Page - Nippon Precision Circuits Inc

Back Button SM5903BF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5903BF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5903BF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5903BF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5903BF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5903BF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5903BF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5903BF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5903BF Datasheet HTML 22Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
- MSWREN
When 1: Encode sequence starts
Invalid when MSON is not 1 within the
same 80H command
Invalid when FLAG6=1
Invalid when OVFL=1
Invalid when a compare-connect start
command (MSDCN2=1 or MSDCN1=1)
occurs simultaneously
Direct connect if a compare-connect
sequence is already operating
When 0: Encode sequence stops
- MSWACL
When 1: Initializes the write address (WA)
When 0: No operation
- MSRDEN
When 1: Decode sequence starts
Does not perform decode sequence if
MSON=1.If there is no valid data, decode
sequence temporarily stops. But, because
the MSRDEN flag setting is maintained as
is, the sequence automatically re-starts
when valid data appears.
When 0: Decode sequence stops
-MSRACL
When 1: Initializes the read address (RA)
When 0: No operation
- MSDCN2, MSDCN1
When 1 and 1: 3-pair compare-connect sequence
starts
When 1 and 0: 2-pair compare-connect sequence
starts
When 0 and 1: Direct connect sequence starts
When 0 and 0: Compare-connect sequence stops.
No operation if a compare-connect
sequence is not operating.
- WAQV
When 1: The immediately preceding YBLKCK
falling-edge timing WA (write address)
becomes the VWA (valid write address).
When 0: No operation
- MSON
When 1: Memory system turns ON and shock-
proof operation starts
When 0: Memory system turns OFF and through-
mode playback starts. (In this mode, the
attenuator is still active.)
Write command supplementary information
80H (MS command)
81H (Extension I/O port settings)
82H (Extension I/O port output data settings)
NIPPON PRECISION CIRCUITS-18
SM5903BF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com