| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STI5514NWC bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI5514NWC bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 2 page ![]() STi5514 2/2 Features ■ 180 MHz 32-bit ST20 CPU ● 8 Kbytes instruction SRAM, 8 Kbytes of I- cache and 8 Kbytes of D-cache ■ 3 programmable transport interfaces (PTIs) ● Integrated DES-ECB, DVB and ICAM descramblers ● NDS RASP compliant ■ MPEG-2 MP@ML video decoder ● >2x decoding speed ● Trick modes including smooth fast-forward and rewind ● Fully programmable horizontal and vertical SRCs ■ ATA-5 compliant HDD interface ■ JTAG/TAP interface ■ Package PBGA 35 x 35 (388) ■ Audio subsystem ● MPEG-1 layers I/II, MP3, MPEG-2 layer II, multichannel MPEG-2 and multichannel Dolby Digital ● Stereo downmixing, Dolby Pro Logic compatible output ● PCM mixing and sample rate conversion ● IEC958/IEC1937 digital audio output interface ● Integrated stereo audio DAC system ● SRS /TruSurround virtual surround sound ■ PAL/NTSC/SECAM encoder ● RGB, CVBS, Y/C and YUV outputs with 10-bit DACs ● Encoding of CGMS, teletext, WSS, VPS, closed caption ■ Interfaces ● 2 Smartcard, 5 UARTs, 2 I²C ● 4 PWM modules ● Modem analog front-end interface ● Multichannel IR transmitter/receiver ● Teletext serializer and DMA module ● Multichannel infrared transmitter/receiver ● Modem analog front-end interface ● IEEE1284 interface ● Low power/RTC/watchdog controller Ordering information Device number Description STi5514-DVB Reference software drivers STi5514-Mboard Develoment platform STi5514AWC Basic DVB STi5514BWC DVB with MP3 STi5514DWC DVB with MP3, SRS STi5514NWC DVB/DES with Dolby STi5514SWC DVB/DES with Dolby, Macrovision STi5514TWC DVB/DES with Macrovision Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners © 2003 STMicroelectronics - All Rights Reserved STMicroelectronics Group of Companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy Japan - Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States www.st.com |