công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5879 bảng dữ liệu(PDF) 13 Page - Nippon Precision Circuits Inc

tên linh kiện SM5879
Giải thích chi tiết về linh kiện  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879 bảng dữ liệu(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5879 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5879 Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—13
Selection and Setting of Functions
SM5879AV offers a variety of functions. Fundamen-
tally, there are two methods available for selecting
and setting these functions.
One method is using an external input pin; this is
called parallel setting. The other method is by using
the microcontroller interface, which is called micro-
controller setting.
Microcontroller interface refers here to serial data
transfer from the microcontroller using the three pins
MDT, MCK, and MLEN.
These two methods of setting and selection are set by
the P/M pin.
When P/M is HIGH, parallel setting is used.
When P/M is LOW, microcontroller setting is used.
Table 1. Selection and Setting of Functions
Function
Function Setting Methods
Notes
Parallel setting
Related external pin name
(When P/M is HIGH)
Microcontroller setting
Related flag
(When P/M is LOW)
Bass boost
BB1, BB2
FBB1, FBB2
Bass boost
Bass boost detection output
None
Output to BBON
Bass boost detection output
Deemphasis filter
DEEM
FDEM
Deemphasis filter
Soft mute
MUTE
None
(Enabled by attenuator)
Soft mute
Attenuator setting
None
7 bits (A6 - A0)
Attenuation
Monaural setting
None
MONO, CSEL
Stereo/mono output setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com