| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VP520 bảng dữ liệu(PDF) 7 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
VP520 bảng dữ liệu(HTML) 7 Page - Mitel Networks Corporation |
|
7 / 16 page ![]() VP520S 7 A: Horizontal Luminance Store This is a 24 byte RAM and coefficients will be stored as follows. The full sequence is obtained by writing to Address 1, twenty four times and supplying the required data. Mode Addresses Coefficient Set CCIR -> CIF 0-7 1 CCIR -> QCIF 0-15 1 CIF -> CCIR 0-5 1 6-11 2 QCIF -> CCIR 0-5 1 6-11 2 12-17 3 18-23 4 B: Horizontal Chrominance Store This is a 16 byte RAM and coefficients will be stored as follows, by writing to Address 2 the required number of times. Mode Addresses Coefficient Set CCIR -> CIF 0-7 1 CCIR -> QCIF 0-15 1 CIF -> CCIR 0-3 1 4-7 2 QCIF -> CCIR 0-3 1 4-7 2 8-11 3 12-15 4 C: Vertical Luminance Store This is a 70 byte RAM and coefficients will be stored by writing to Address 5 the required number of times. Mode Addresses Coefficient Set 625 line -> CIF 0-4 1 525 line -> CIF 0-4 1 5-9 2 10-14 3 15-19 4 20-24 5 25-29 6 625 -> QCIF 0-6 1 525 -> QCIF 0-6 1 7-13 2 14-20 3 21-27 4 28-34 5 35-41 6 CIF -> 625 line 0-4 1, even field 5-9 1, odd field CIF -> 525 line 0-4 1, even field 5-9 2, even field 10-14 3, even field 15-19 4, even field 20-24 5, even field 25-29 not used 30-34 1, odd field 35-39 not used 40-44 2, odd field 45-49 3, odd field 50-54 4, odd field 55-59 5, odd field QCIF -> 625 line 0-6 1, even field 7-13 2, even field 14-20 1, odd field 21-27 2, odd field OCIF -> 525 line 0-6 1, even field 7-13 2, even field 14-20 3, even field 21-27 4, even field 28-34 5, even field 35-41 1, odd field 42-48 2, odd field 49-55 3, odd field 56-62 4, odd field 63-69 5, odd field D: Vertical Chrominance Store This is a 140 byte RAM and coefficients will be stored by writing to Address 6 the required number of times. Mode Addresses Coefficient Set 625 line -> CIF 0-4 1 525 line -> CIF 0-4 1 5-9 2 10-14 3 625 line -> QCIF 0-6 1 525 line -> QCIF 0-6 1 7-13 2 14-20 3 CIF -> 625 line 0-4 1, even field 5-9 2, even field 10-14 1, odd field 15-19 2, odd field CIF -> 525 line 0-4 1, even field 5-9 2, even field 10-14 3, even field 15-19 4, even field 20-24 5, even field 25-29 not used 30-34 1, odd used 35-39 not used 40-44 2, odd field 45-49 3, odd field 50-54 4, odd field 55-59 5, odd field QCIF -> 525 line 0-6 1, even field 7-13 2, even field 14-20 3, even field 21-27 4, even field 28-34 5, even field 35-41 6, even field 42-48 7, even field 49-55 8, even field 56-62 9, even field 63-69 10, even field 70-76 1, odd field 77-83 2, odd field 84-90 3, odd field 91-97 4, odd field 98-104 5, odd field 105-111 6, odd field |