| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP8858 bảng dữ liệu(PDF) 13 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
SP8858 bảng dữ liệu(HTML) 13 Page - Mitel Networks Corporation |
|
13 / 17 page ![]() 13 SP8858 Integrated circuits SP8858 1·5GHz synthesiser OP27 Operational amplifier HC00 HC08 HC20 HC74 HC165 (6 off) HC193 (2 off) Leaded resistors and capacitors R1, C4 and C6: Application specific to define the loop filter characteristic (no components fitted) R2: 6·8k Ω C1, C2, C7 and C10: 10 µF Tantalum C3, C5, C8 and C9: 0·1 µF Ceramic Chip resistors (0805) R3, R12, and R13: 3·3k Ω R4:10k Ω R5, R6 and R7: 15 Ω R8: 100 Ω R10: 2·2k Ω R11: No component Chip capacitors (0805) C11 through C26, C28, C29, C33, C34, C36 through C39, C41 and C42: 0·1 µF C14: 1nF C32: 220pF C40 and C43: 100pF C27, C30, C31 and C35: No components Miscellaneous Murata MQE001-106 VCO 40MHz crystal oscillator 1MHz clock oscillator for programmer logic PCB keyboard switch (SEND) Slide switches (3 off) (SELECT, F1/F2, POWER DOWN) 16-pin DIL switch (6 off) (SIL a, b, c, d, e and f) SMA PCB mounting socket (3 off) Table 5. Demonstration board parts list APPENDIX A: SP8853 TO SP8858 The SP8858 is not a drop-in replacement for the SP8853; minor modifications will be required to a SP8853-based design if the SP8858 is to be used in its place. The changes mainly affect the charge pump output pins as shown in Table 6 below. The SP8858 has only one charge pump output. In addition the modifications have: q Increased the operating frequency range for both the RF and reference input q Simplified the lock detect circuit q Increased the maximum charge-pump current specification to 2mA. Recalculate the loop filter components using formula in Application section. PIn No. 1 3 25 26 SP8853 Internally connected PD1 output PD2 output NC SP8858 NC NC CP OUTPUT CP REF Table 6 REFERENCES 1. Knights P.J., Analysis and Design of a SP8858 Digital PLL Synthesiser for Low Phase Noise, Proceeding of RF Expo East 1994, Nov 1994. 2. Gardener F.M., Phaselock Technique, Wiley 1979. 3. Rohde U.L., Digital Frequency Synthesisers Theory and Design, Prentice Hall 1983. 4. Manassewitsch V., Frequency Synthesisers Theory and Design, Wiley 1980. 5. Philips C.L. and Harbur R.D., Feedback Control Systems, Prentice Hall 1991. 6. Scherer D., Learn About Low Noise Design, Microwave April 1979 p.116. 7. Robins W.P., Phase Noise in Signal Sources, Peter Peregrineus Ltd. (IEE) 1991. 8. Breed G.A. (ed.), Frequency Synthesis Handbook, A Collection from RF Design, Cardiff Publishing Co. May 1992. 9. AN194, The SP8858 Synthesiser: Design for Low Phase Noise, Mitel Semiconductor |