| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDSP16116AMCGGDR bảng dữ liệu(PDF) 9 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
PDSP16116AMCGGDR bảng dữ liệu(HTML) 9 Page - Mitel Networks Corporation |
|
9 / 17 page ![]() PDSP16116 9 OSEL1 :0 The outputs from the device are selected by the OSEL0 and OSEL1 instruction bits. These controls allow selection of the output combination during the current cycle (they are not registered). There are four possible output configurations that allow either complex outputs of the most or least signifi- cant bytes, or real or imaginary outputs of the full 32-bit word (see Table 4). OSEL0 and OSEL1 should both be tied low when in BFP mode. BFP MODE FFT APPLICATION The PDSP16116 may be used as the main arithmetic unit of the butterfly processor, which will allow the following FFT bench- marks: G 1024-point complex radix 2 transform in 517µs G 512-point complex radix 2 transform in 235µs G 256-point complex radix 2 transform in 106µs In addition, with pin MBFP tied high, the BFP circuitry within the PDSP16116 can be used to adaptively rescale data through- out the course of the FFT so as to give high-resolution results. The BFP system on the PDSP16116 can be used with any vari- ation of the radix 2 decimation-in-time (DIT) FFT, for example, the constant geometry algorithm, the in-place algorithm etc. An N-point Radix 2 DIT FFT is split into log(N) passes. Each pass consists of N/2 ‘butterflies’, each performing the operation: A ′ = A1BW B ′ = A2BW Where W is the complex coefficient and A and B are the complex data. Fig.4 illustrates how a single PDSP16116 may be combined with two PDSP1601s and two PDSP16318s to form a complete BFP butterfly processor. The PDSP16318s are used to perform the complex addition and subtraction of the butterfly operation, while the PDSP1601s are used to match the data path of the A-word to the pipelining and shifting opera- tions within the PDSP16116. For more information on the theory and construction of this butterfly processor, refer to application note AN59. BFP MODE OPERATION The BFP mode on the PDSP16116 is intended for use in the FFT application described above, that is, it is intended to pre- vent data degradation during the course of an FFT calculation. The operation of the PDSP16116-based BFP buttertly proces- sor (see Fig.4) is described below. The Block Floating Point System A block floating point system is essentially an ordinary inte- ger arithmetic system with some additional logic, the purpose of which is to lend the system some of the enormous dynamic range afforded by a true floating point system without suffering the corresponding loss in perlormance. The initial data used by the FFT should all have the same binary arithmetic weighting. In other words, the binary point should occupy the same position in every data word as is nor- mal in integer arithmetic. However, during the course of the FFT, a variety of weightings are used in the data words to increase the dynamic range available. This situation is similar to that within a true floating point system, though the range of numbers rep- resentable is more limited. In the BFP system used in the PDSP16116, there are, within any one pass of the FFT, four possible positions of the binary point wihin the integer words. To record the position of its binary point, each word has a 2-bit word tag associated with it. By way of example, in a particular pass the following four positions of binary point may be avail- able, each denoted by a certain value of word: XX·XXXXXXXXXXXX word tag = 00 XXX·XXXXXXXXXXX word tag = 01 XXXX·XXXXXXXXXX word tag = 10 XXXXX·XXXXXXXXX word tag = 11 At the end of each constituent pass of the FFT, the positions of the binary point supported may change to reflect the trend of data increase or decreases in magnitude. Hence, in the pass following that of the above example, the four positions of binary point supported may be changed to: XX·XXXXXXXXXXXX word tag = 00 XXX·XXXXXXXXXXX word tag = 01 XXXX·XXXXXXXXXX word tag = 10 XXXXX·XXXXXXXXX word tag = 11 This variation in the range of binary points supported from pass to pass (i.e. the movement of the binary point relative to its position in the original data) is recorded in the GWR. Thus, the position of the binary point can be determined relative to its ini- tial position by modifying the value of GWR by WTOUT for a given word as shown in Table 6. As an example, if GWR=01001 and WTOUT=10 then the binary point has moved 10 places to the right of its original position. PDSP16116/A XR XI YR YI BR BI WR WI WTA WTB EOPSS SOBFP PR PI PDSP1601/A A C AI AI15:13 PDSP1601/A A C AR AR15:13 PDSP16318/A AB CD PDSP16318/A BA CD WTOUT GWR A ′RA′IB′RB′I DAR DAI SFTA SFTA SFTR SFTR OER OEI Fig. 4 FFT butterfly processor |