| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT8985 bảng dữ liệu(PDF) 17 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT8985 bảng dữ liệu(HTML) 17 Page - Mitel Networks Corporation |
|
17 / 18 page ![]() MT8985 2-61 † Timing is over recommended temperature & power supply voltages . ‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing. * High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL. Figure 17 - Motorola Non-Multiplexed Bus Timing AC Electrical Characteristics†- Microprocessor Bus Voltages are with respect to ground (VSS) unless otherwise stated . Characteristics Sym Min Typ‡ Max Units Test Conditions 1 CS Setup from DS rising tCSS 0ns 2R/W Setup from DS rising tRWS 30 ns 3 Add setup from DS rising tADS 5ns 4 CS hold after DS falling tCSH 0ns 5R/W hold after DS falling tRWH 5ns 6 Add hold after DS falling tADH 5ns 7 Data setup from DTA Low on Read tDDR 10 ns CL=150 pF 8 Data hold on read tDHR 10 50 90 ns RL=1 KΩ*, CL=150 pF 9 Data setup on write (fast write) tDSW 20 ns 10 Valid Data Delay on write (slow write) tSWD 122 ns 11 Data hold on write tDHW 8ns 12 Acknowledgement Delay: Reading Data Memory Reading/Writing Conn. Memory Writing to Control Register Reading Control Register tAKD 560 300/370 47 70 1220 730/800 95 155 ns ns ns ns CL=150 pF 13 Acknowledgement Hold Time tAKH 10 60 110 ns RL=1 KΩ*, CL=150 pF CS R/W A0-A6 D0-D7 READ D0-D7 WRITE DTA tCSS tRWS tADS tCSH tRWH tADH tSWD tDSW tDHR VALID DATA tDDR tDHW tAKH tAKD VALID DATA 2.0V 0.8V 2.0V 0.8V 2.0V 0.8V 2.0V 0.8V 2.0V 0.8V 2.0V 0.8V 2.0V 0.8V DS |