công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5847AF bảng dữ liệu(PDF) 5 Page - Nippon Precision Circuits Inc

tên linh kiện SM5847AF
Giải thích chi tiết về linh kiện  High-fidelity Digital Audio, Multi-function Digital Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5847AF bảng dữ liệu(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5847AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5847AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SM5847AF
NIPPON PRECISION CIRCUITS—5
SPECIFICATIONS
Absolute Maximum Ratings
VSS = VSSAC = 0 V, VDD = VDDAC
Recommended Operating Conditions
VSS = VSSAC = 0 V, VDD = VDDAC
VSS = VSSAC = 0 V, VDD = VDDAC
P arameter
Symbol
Condition
Rating
Unit
Supply voltage range 1
1. Supply lines for VDD and V D D A C , and ground lines for VSS and VSSA C , should be connected on the printed circuit board to prevent device break-
d own due to potential difference when the pow er is applied.
V DD, V DDAC
−0.3 to 6.5
V
Input voltage range
V I
V SS − 0.3 to V DD + 0.3
V
Storage temperature range
T stg
−55 to 125
°C
P ow er dissipation
P D
≤ 70 °C
900
mW
≤ 85 °C
700
P arameter
Symbol
Rating
Unit
Supply voltage range 1
1. The minimum required operating voltage and consequent operating temperature vary with the maximum operating frequency and sampling mode
selected, as shown in the following table.
V DD, V DDAC
3.00 to 5.25
V
Operating temperature range
Ta
−40 to 85
°C
Sampling frequency
fs (kHz)
Internal system clock
Minimum supply voltag e
V DD, V D DAC (V)
Operating temperature
Ta (°C)
Mode 1
1. Mode with internal frequency divider ratio set to 1 (CKDV 1 = C K DV2 = LOW).
Maxim um operating
frequency (MHz)
192
192fs
3 7
4.75 (5.0
− 5%)
−40 to 70
256fs
Not guaranteed
Not guaranteed
Not guaranteed
108 2
2. 96 kHz + 12.5% variable pitch
192fs
20.7
3.00 (3.3
− 10%)
−40 to 85
256fs
27.6
4.50 (5.0
− 10%)
96
192fs
18.5
3.00 (3.3
− 10%)
256fs
2 5
3.00 (3.3
− 10%)
55.23
3. 48 kHz + 15% variable pitch
192fs
10.6
3.00 (3.3
− 10%)
256fs
14.2
3.00 (3.3
− 10%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com