| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5839AP bảng dữ liệu(PDF) 1 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5839AP bảng dữ liệu(HTML) 1 Page - Nippon Precision Circuits Inc |
|
1 / 8 page ![]() SM5839A NIPPON PRECISION CIRCUITS—1 NIPPON PRECISION CIRCUITS INC. High-Speed Variable-Length Shift Register OVERVIEW The SM5839A is an 8-bit variable-length shift resister. The input pins can be configured to function as a 2 to 128-step shift resister. The shift clock has a maximum frequency of 54 MHz, making it ideal for high-speed digital signal processing. FEATURES s 2 to 128-step selectable variable-length shift resister s Static circuitry s 8-bit (byte) word length s Selectable circulating/non-circulating storage s 54 MHz maximum operating clock frequency (standard-voltage specification) s Supply voltage • 5.0 ± 0.5 V (standard-voltage specification) • 2.7 to 4.5 V (low-voltage specification) s TTL-compatible input/outputs s Molybdenum-gate CMOS s Package • 28-pin DIP (SM5839AP) • 28-pin VSOP (SM5839AV) PINOUT Top view PACKAGE DIMENSIONS Unit: mm 28-pin DIP (SM5839AP) 28-pin VSOP (SM5839AV) ORDERING INFORMATION 1 DIN0 2 DIN1 3 DIN2 4 DIN3 5 DIN4 6 DIN5 7 DIN6 8 DIN7 9 S6 10 S5 11 S4 12 S3 13 CLK 14 VSS 15 S2 16 S1 17 S0 18 DOUT7 19 DOUT6 20 DOUT5 21 DOUT4 22 DOUT3 23 DOUT2 24 DOUT1 25 DOUT0 26 OE 27 ENRC 28 VDD Device Package SM5839AP 28-pin DIP SM5839AV 28-pin VSOP 36.83 ± 0.1 1.52 ± 0.05 2.54 0.46 ± 0.05 0.5755 TYP. 0.65 9.8 ± 0.2 0.5 0.2 0.22 − 0.05 + 0.1 010 |
Số phần tương tự - SM5839AP |
|
Mô tả tương tự - SM5839AP |