| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
23VL040 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
23VL040 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() Product Datasheet www.Applied-Motion.com 23VL040 NEMA 23 Planetary Gearhead 1pc. - 575.00 50pc. - 575.00 Product Features True planetary design Compact design Sealed ball bearings Heat treated gears High efficiency design AGMA gear quality Applied Motion Products, Inc. 404 Westridge Dr. Watsonville, CA 95076, USA 1-800-525-1609 Tel (831) 761-6555 Fax (831) 761- 6544 The 23VL040 planetary gearhead offers true planetary performance at an excellent price. High strength, heated treated gears provide for efficient transmission of torque and accurate speed matching. Additional mounting hardware is required to mount this gearhead to all NEMA 24 size motors and integrated motors. Please note that the charge for the adaptor is $100 and lead time will be 2-4 weeks. Model numbers affected include all of those that begin with: HT24, HW24, STM24 and SWM24. All StepSERVO models that begin with TSM23 and TXM24, as well as model SSM23IP-4EG, require additional hardware as noted above. Description |
Số phần tương tự - 23VL040 |
|
Mô tả tương tự - 23VL040 |