công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5837AF bảng dữ liệu(PDF) 8 Page - Nippon Precision Circuits Inc

tên linh kiện SM5837AF
Giải thích chi tiết về linh kiện  Variable-length 1H Delay Line LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5837AF bảng dữ liệu(HTML) 8 Page - Nippon Precision Circuits Inc

  SM5837AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5837AF Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SM5837AF
NIPPON PRECISION CIRCUITS—8
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, 2-chome Fukuzumi
Koto-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NC9408AE
1996.01
NIPPON PRECISION CIRCUITS INC.
TIMING DIAGRAMS
Parallel Set Data (Delay Length = 31)
Serial Set Data (Delay Length = 32)
D1
D2
D3
D4
D5
D31
D32
D33
D34
DI0 - 11
CLK
RSTN
01234
5
31
32
33
34
35
D35
D1
D2
D3
D5
Hi-Z
UNKNOWN
DO0 - 11
OE
PARA=H , DL0-10=L
012345
6789
10
1
2
3
32
33
34
DI0 - 11
DL0/SDI
RSTN
DO0 - 11
DL2/LEN
CLK
DL1/SICK
D1
D2
D3
D1
D2
D3
INVALID
UNKNOWN
PARA=L , DL3-10=Don't Care , OE=H



Html Pages

1 2 3 4 5 6 7 8