| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5166 bảng dữ liệu(PDF) 11 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5166 bảng dữ liệu(HTML) 11 Page - Nippon Precision Circuits Inc |
|
11 / 11 page ![]() SM5166AV NIPPON PRECISION CIRCUITS—11 NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter, including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies. NIPPON PRECISION CIRCUITS INC. 4-3, 2-chome Fukuzumi Koutou-ku, Tokyo 135-8430, Japan Telephone: 03-3642-6661 Facsimile: 03-3642-6698 NC9610BE 1997.05 NIPPON PRECISION CIRCUITS INC. INPUT/OUTPUT EQUIVALENT CIRCUITS XIN, XOUT DO LD FIN DB OPR, CLK, DATA, LE TEST VDD1 XIN To Internal Counter Transistor Resistor VDD1 Internal Circuit From Internal Circuit VDD1 From Internal Circuit XOUT VDD2 DO Lagging Phase Correction Signal Leading Phase Correction Signal VDD2 LD From Internal Circuit VDD1 To Internal Counter FIN1 Diffused Resistor VDD1 From Internal Circuit VDD2 DB From Internal Circuit From Internal Circuit VDD2 OPR CLK DATA LE To Internal Circuit VDD1 To Internal Circuit TEST VDD1 Transistor Resistor |