công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESD7321 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện ESD7321
Giải thích chi tiết về linh kiện  ESD Protection Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7321 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  ESD7321 Datasheet HTML 1Page - ON Semiconductor ESD7321 Datasheet HTML 2Page - ON Semiconductor ESD7321 Datasheet HTML 3Page - ON Semiconductor ESD7321 Datasheet HTML 4Page - ON Semiconductor ESD7321 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 1
1
Publication Order Number:
ESD7321/D
ESD7321
ESD Protection Diodes
Low Capacitance ESD Protection Diode
for High Speed Data Lines
The ESD7321 ESD protection diodes are designed to protect high
speed data lines from ESD. Low capacitance and low ESD clamping
voltage make this device an ideal solution for protecting voltage
sensitive high speed data lines.
Features
• Low Capacitance (0.5 pF Max, I/O to GND)
• Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
• Low ESD Clamping Voltage
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• USB 3.x
• MHL 2.0
• SATA/SAS
• PCI Express
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Lead Solder Temperature −
Maximum (10 Second Duration)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ESD
ESD
±15
±15
kV
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
Device
Package
Shipping†
ORDERING INFORMATION
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ESD7321MUT5G
X3DFN2
(Pb−Free)
15000 / Tape &
Reel
MARKING
DIAGRAM
X3DFN2
CASE 152AF
PIN 1
T = Specific Device Code
(Rotated 90
° clockwise)
M = Date Code
M
PIN CONFIGURATION
AND SCHEMATIC
12


Số phần tương tự - ESD7321

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
ESD7321 ONSEMI-ESD7321 Datasheet
130Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 2
ESD7321MUT5G ONSEMI-ESD7321MUT5G Datasheet
130Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 2
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 2
More results

Mô tả tương tự - ESD7321

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
ESD PROTECTION DIODES
logo
ON Semiconductor
ESD7205 ONSEMI-ESD7205 Datasheet
136Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. P2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
ESD Protection Diodes
August, 2015 ??Rev. 1
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
ESD Protection Diodes
May, 2017 ??Rev. 0
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
ESD Protection Diodes
May, 2016 ??Rev. 8
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
ESD Protection Diodes
November, 2016 ??Rev. 0
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 6
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 2
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com