| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST5-PLUS bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ST5-PLUS bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 8 page ![]() 24-48 VDC Analog Positioning, Encoder Following, Q Programming, SiNet Hub Compatible, Velocity Control, Modbus 0.1-5.0 A/Phase RS-232 Yes $530.00 24-48 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming, SiNet Hub Compatible, Modbus 0.1-5.0 A/Phase RS-232 No $467.00 24-48 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming, Modbus 0.1-5.0 A/Phase RS-232, RS-485 Yes $625.00 24-48 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, Analog Positioning, Encoder Following, Q Programming, Modbus 0.1-5.0 A/Phase RS-232, RS-485 No $570.00 24-48 VDC Step & Direction, Velocity (Oscillator), Streaming Commands, SiNet Hub Compatible 0.1-5.0 A/Phase RS-232 No $302.00 24-48 VDC Si Programming 0.1-5.0 A/Phase RS-232 Yes $579.00 24-48 VDC Step & Direction, Streaming Commands, Analog Positioning, Encoder Following, Si Programming, Q Programming, SiNet Hub Compatible, Velocity Control 0.1-5.0 A/Phase RS-232 Yes $606.00 24-48 VDC Si Programming 0.1-5.0 A/Phase RS-232 No $490.00 Model Number Supply Voltage Control Modes Output Current Communication Ports Encoder Feedback 1pc. ST5-Q-NF ST5-Q-NN ST5-Q-RE ST5-Q-RN ST5-S ST5-Si-NE ST5-Si-NF ST5-Si-NN |