| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMLV bảng dữ liệu(PDF) 3 Page - Wall Industries,Inc. |
|
|
|||||||||||||||||||||||||||||
CMLV bảng dữ liệu(HTML) 3 Page - Wall Industries,Inc. |
|
3 / 3 page ![]() Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 02/24/2011 603-778-2300 www.wallindustries.com Fax 603-778-9797 Page 3 of 3 CMLV Series Half-Brick 50-150 Watt, Single Output Chassis Mount DC/DC Converter Rev D MECHANICAL DRAWING Unit: inches [mm] SEE NOTE-4 NOTES: 1. PIN TO PIN TOLERANCE ± 0.01 [±0.3], PIN DIAMETER TOLERANCE: ±0.005 [±0.13]. 2. CASE MATERIAL OF THE CONVERTER: Ø.040 [1.02] THICK, ALUMINUM ALLOY 3003-0, PER: QQA 250/2. 3. UNLESS OTHERWISE SPECIFIED. TO ORDER: 4. UNIT COMES WITH EITHER .112 (NO.4)-4OUNC-2B THREADED THRU INSERTS OR FOR Ø.125 THRU- HOLE FOR THE CHASSIS MOUNT BOARD ADD: “TH” SUFFIX TO MODEL PART NUMBER. EXAMPLE: CMLV12S15-100TH |