công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESDONCAN1 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện ESDONCAN1
Giải thích chi tiết về linh kiện  CAN/CAN-FD Bus Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDONCAN1 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  ESDONCAN1 Datasheet HTML 1Page - ON Semiconductor ESDONCAN1 Datasheet HTML 2Page - ON Semiconductor ESDONCAN1 Datasheet HTML 3Page - ON Semiconductor ESDONCAN1 Datasheet HTML 4Page - ON Semiconductor ESDONCAN1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ESDONCAN1, SESDONCAN1
http://onsemi.com
4
APPLICATIONS
Background
The Controller Area Network (CAN) is a serial
communication protocol designed for providing reliable
high speed data transmission in harsh environments. TVS
diodes provide a low cost solution to conducted and radiated
Electromagnetic Interference (EMI) and Electrostatic
Discharge (ESD) noise problems. The noise immunity level
and reliability of CAN transceivers can be easily increased
by adding external TVS diodes to prevent transient voltage
failures. The ESDONCAN1 provides a transient voltage
suppression solution for CAN data communication lines.
The ESDONCAN1 is a low capacitance dual bidirectional
TVS device in a compact SOT-23 package especially
suitable for CAN2.1 (CAN-FD). This device is based on
Zener technology that optimizes the active area of a PN
junction to provide robust protection against transient EMI
surge voltage and ESD. The ESDONCAN1 has been tested
to EMI and ESD levels that exceed the specifications of
popular high speed CAN networks.



Html Pages

1 2 3 4 5