công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSM23IP-2EG bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện SSM23IP-2EG
Giải thích chi tiết về linh kiện  NEMA 23 Integrated StepSERVO??Motor w/ EtherNet/IP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SSM23IP-2EG bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  SSM23IP-2EG Datasheet HTML 1Page - List of Unclassifed Manufacturers SSM23IP-2EG Datasheet HTML 2Page - List of Unclassifed Manufacturers SSM23IP-2EG Datasheet HTML 3Page - List of Unclassifed Manufacturers SSM23IP-2EG Datasheet HTML 4Page - List of Unclassifed Manufacturers SSM23IP-2EG Datasheet HTML 5Page - List of Unclassifed Manufacturers SSM23IP-2EG Datasheet HTML 6Page - List of Unclassifed Manufacturers SSM23IP-2EG Datasheet HTML 7Page - List of Unclassifed Manufacturers SSM23IP-2EG Datasheet HTML 8Page - List of Unclassifed Manufacturers SSM23IP-2EG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
The SSM23IP-2EG integrated StepSERVO™ is a drive+motor unit, fusing a NEMA 23 step motor and a servo
drive into a single device. Power to the drive, located at the rear of the motor, must be supplied by an external DC
supply. See Related and Recommended Products below for compatible 24 and 48 volt DC power supplies .
StepSERVO technology combines the high torque capabilities of a step motor with the closed loop dynamic control
of a servo system. The result is a highly customizable all-in-one motion control solution that operates quietly and
efficiently, requiring only the minimum amount of current to maintain commanded position and velocity. Boost
torque of 25-50% higher than the rated holding torque that is available from this integrated StepSERVO motor
increases the limits of acceleration, leading to faster cycle times. With software selectable servo loops that have
been pre-tuned for various inertial loads, the SSM StepSERVO can be applied in systems where a traditional
stepper would not be capable of achieving the high accuracy required.
The SSM23IP-2EG integrated StepSERVO incorporates EtherNet/IP network communications, the widely used
industrial protocol for manufacturing automation applications. With EtherNet/IP users can control, configure and
query the drive using an open, standards-based, industrial Ethernet connection at speeds up to 100 MBits/sec. All
drive+motor features can be accessed over EtherNet/IP, including more than 100 commands and 130 registers for
controlling motion, I/O, configuration, polling, math, register manipulation, and Q programming. This integrated
StepSERVO can be operated in several different control modes, including Streaming Command mode using either
SCL, Pulse & Direction mode, and Velocity mode, plus it has the ability to run a Q program stored in non-volatile
memory. Q programs are created using Applied Motion’s Q Programmer™ software, which provides powerful
commands for motion, I/O, conditional processing, multi-tasking, math functions, and more. All SSM23 units are
setup, configured and tuned using Applied Motion’s Step-Servo Quick Tuner software with built in Q Programmer.
Each SSM23IP integrated StepSERVO comes with 3 digital inputs, 1 digital output, and 1 analog input. The digital
inputs accept signals of 5-24 VDC and can be used for connecting pulse & direction signals, end-of-travel limit
switches, jog switches, quadrature encoder signals, PLC outputs, sensors, or many other signal types. The digital
output can be connected to PLC inputs, counters, lights, relays, or other devices. The analog input accepts 0-5
VDC signals and can be used for velocity and position control.
The SSM23IP-2EG comes with a fast 10/100 MBit Ethernet port for programming and EtherNet/IP
communications. The same port also supports TCP and UDP protocols for sending commands from Applied
Motion’s proprietary serial command language (SCL).
All SSM23IP models are RoHS compliant.
What’s in the Box?
SSM23IP-2EG integrated motor
Mating power connector (2-pin)
Mating I/O connector (11-pin)
Screwdriver
Quick Setup Guide (also available in Downloads)
NOT included:
DC power supply (required), see Power Supplies below
Regen clamp (optional), see Accessories below
Additional accessories available below
Description



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com