| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MLL746A bảng dữ liệu(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
MLL746A bảng dữ liệu(HTML) 1 Page - Microsemi Corporation |
|
1 / 2 page ![]() MSC0291.PDF 04-20-00 8700 E. Thomas Road Scottsdale, AZ 85252 Phone: (480) 941-6300 Fax: (480) 947-1503 MLL746A,-1 thru MLL759A,-1 and MLL4370A,-1 thru MLL4372A,-1 ±1% and ±2% Versions “C” and “D” Available Features • Leadless Package For Surface Mount Technology • Ideal For High Density Mounting • Voltage Range 2.4 To 12 Volts • Hermetically Sealed, Double Slug Glass Construction • Metallurgically Bonded Construction Available as Dash One. • Available in JAN, JTX, JTXV-1 To Mil-PRF-19500/127 (UR-1 Suffix) MILLIMETERS INCHES DIM MIN MAX MIN MAX A 3.30 3.70 .130 .146 B 1.60 1.70 .063 .067 U 0.41 0.55 .016 .022 LEADLESS GLASS ZENER DIODE SURFACE MOUNT Mechanical Characteristics Case: Hermetically sealed glass with solder contact tabs at each end. Finish: All external surfaces are corrosion resistant, readily solderable. Polarity: Banded end is cathode. Thermal Resistance: 100 °C/Watt Maximum junction to end caps for "-1" construction and 150 °C/W maximum junction to end caps for commercial. Mounting Position: Any Weight: 0.04 gm Maximum Ratings 500 mW DC Power Dissipation (See Power Derating Curve In Figure 1) -55 °C to +175°C Operating and Storage Junction Temperature Application This surface mountable zener diode series is similar to the 1N746 thru 1N759 in the DO-35 equivalent package except that it meets the new JEDEC surface mount outline DO-213AA. It is an ideal selection for applications of high density and low parasitic requirements. Due to its glass hermetic qualities, it may also be considered for high reliability applications. Electrical Characteristics @ 25 °C MICROSEMI PART NUMBER NOMINAL ZENER VOLTAGE VZ @ IzT (NOTE 1) ZENER TEST CURRENT IzT MAXIMUM ZENER IMPEDANC E ZZT @ IZT (NOTE 2) MAXIMUM REVERSE CURRENT @ VR = 1 VOLT @25 °°°°C @ +150 °°°°C MAXIMUM ZENER CURRENT IZM (NOTE 4) TYPICAL TEMP COEFF. OF ZENER VOLTAGE α αα α VZ ** VOLTS mA OHMS µµµµA µµµµA mA %/ °°°°C MLL4370A 2.4 20 30 100 200 150 - .085 MLL4371A 2.7 20 30 75 150 135 - .080 MLL4372A 3.0 20 29 50 100 120 - .075 MLL746A 3.3 20 28 10 30 110 - .066 MLL747A 3.6 20 24 10 30 100 - .058 MLL748A 3.9 20 23 10 30 95 - .046 MLL749A 4.3 20 22 2 30 85 - .033 MLL750A 4.7 20 19 2 30 75 - .015 MLL751A 5.1 20 17 1 20 70 ±±±±.010 MLL752A 5.6 20 11 1 20 65 +.030 MLL753A 6.2 20 7 .1 20 60 +.049 MLL754A 6.8 20 5 .1 20 55 +.053 MLL755A 7.5 20 6 .1 20 50 +.057 MLL756A 8.2 20 8 .1 20 45 +.060 MLL757A 9.1 20 10 .1 20 40 +.061 MLL758A 10.0 20 17 .1 20 35 +.062 MLL759A 12.0 20 30 .1 20 30 +.062 Note 1 Voltage measurements to be performed 20 seconds after application of dc test current. Note 2 Zener impedance derived by superimposing on IZT at 60 Hz rms ac current equal to 10% IZT (2 mA ac). Note 3 Allowance has been made for the increase in VZ due to ZZ and for the increase in junction temperature as the unit approaches thermal equilibrium at the power dissipation at 500 mW. ** Ordering Information: 1) Commercial: MLL746A thru MLL759A or MLL746A-1 thru MLL759A-1 MLL4370A thru MLL4372A or MLL4370A-1 thru MLL4372A-1 2) Military: JAN, JANTX, or JANTXV 1Nxxxx UR-1 3) Tight tolerance "C" suffix = ±2%, "D" suffix = ±1% DO-213AA Package Dimensions In Inches |
Số phần tương tự - MLL746A |
|
Mô tả tương tự - MLL746A |