| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
QS7785CF bảng dữ liệu(PDF) 5 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
QS7785CF bảng dữ liệu(HTML) 5 Page - Nippon Precision Circuits Inc |
|
5 / 15 page ![]() QS7785PF/CF NIPPON PRECISION CIRCUITS—5 DC Characteristics VCC = 9V, VDD = 5V, GND = 0V, Ta = 25°C Noise and THD Characteristics VCC = 9V, VDD = 5V, GND = 0V, Ta = 25°C Parameter Symbol Condition Rating Unit min typ max Analog input impedance ZAIN1 LIN, RIN 16 20 24 k Ω ZAIN2 CIN 8 10 12 Reference voltage output VREFOUT –VCC/2 – V HIGH-level input voltage VIH 0.7VDD –– V LOW-level input voltage VIL – – 0.3VDD V Input leakage current ILEAK Digital inputs, VDD input voltage −3– 3 µA IILOPD SDA, SCL, 10V input voltage −3– 3 LOW-level output voltage VOL ACK signal output from SDA, 3mA sink current 0 – 0.4 V Supply voltage (analog) VCC 5 – 13 V Supply voltage (digital) VDD 4.5 – 5.5 V Current consumption (analog) ICC –68 mA Current consumption (digital) IDD – 0.3 0.5 mA Standby current (analog) ICCSAVE – 0.1 0.2 mA Parameter Symbol Condition Rating Unit min typ max Bypass noise voltage NBYP BYP = HIGH, SUR = MONO = SP = LOW, “A”-wgt, FLOUT, FROUT –10 20 µVRMS Qsurround noise voltage (front) NQSF SUR = SP = HIGH, BYP = MONO = LOW, “A”-wgt, FLOUT, FROUT –20 40 µVRMS Qsurround noise voltage (surround) NQSR SUR = SP = HIGH, BYP = MONO = LOW, “A”-wgt, SLOUT, SROUT –15 30 µVRMS Bypass total harmonic distortion THDB BYP = SUR = HIGH, MONO = SP = LOW, LIN = RIN = 1VRMS, f = 1kHz, FLOUT, FROUT, SLOUT, SROUT – – 0.1 % Qsurround mono total harmonic distortion THDQM BYP = LOW, SUR = MONO = SP = HIGH, LIN = RIN = 1VRMS, f = 1kHz, FLOUT, FROUT, SLOUT, SROUT – – 0.1 % |