công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LX8385-33 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation

tên linh kiện LX8385-33
Giải thích chi tiết về linh kiện  3 A LOW DROPOUT POSITIVE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8385-33 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation

  LX8385-33 Datasheet HTML 1Page - Microsemi Corporation LX8385-33 Datasheet HTML 2Page - Microsemi Corporation LX8385-33 Datasheet HTML 3Page - Microsemi Corporation LX8385-33 Datasheet HTML 4Page - Microsemi Corporation LX8385-33 Datasheet HTML 5Page - Microsemi Corporation LX8385-33 Datasheet HTML 6Page - Microsemi Corporation LX8385-33 Datasheet HTML 7Page - Microsemi Corporation LX8385-33 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8385-xx/8385A-xx/8385B-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 2.0a 10/00
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Power Dissipation .................................................................................. Internally Limited
Input Voltage ................................................................................................................ 10V
Input to Output Voltage Differential ........................................................................... 10V
Operating Junction Temperature
Plastic (P, DD & DL Packages) ............................................................................. 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
Thermal
Limit Circuit
Control
Circuit
Bandgap
Circuit
Output
Circuit
Bias
Circuit
V
OUT
V
IN
SOA Protection
Circuit
Current
Limit Circuit
ADJ or
GND*
BLOCK DIAGRAM
P PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
3.0°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
DD PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
3.0°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
*60°C/W
Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
The
θ
JA
numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
*
θ
JAcan be improved with package soldered to 0.5IN
2 copper area over backside ground
plane or internal power plane.
θ
JAcan vary from 20ºC/W to > 40ºC/W depending on
mounting technique.
THERMAL DATA
3
2
1
P PACKAGE
(Top View)
* Pin 1 is GND for fixed voltage versions.
3
2
1
DD PACKAGE
(Top View)
* Pin 1 is GND for fixed voltage versions.
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with
respect to Ground. Currents are positive into, negative out of the specified terminal.
TAB IS V
OUT
TAB IS V
OUT
* This pin GND for fixed voltage versions.
V
IN
V
OUT
ADJ / GND*
V
IN
V
OUT
ADJ / GND*



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com