| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LX8941 bảng dữ liệu(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX8941 bảng dữ liệu(HTML) 1 Page - Microsemi Corporation |
|
1 / 3 page ![]() DESCRIPTION KEY FEA TURES s s s s s 2% Internally Trimmed Output s s s s s Output Current In Excess Of 1A s s s s s Input-Output Differential Less Than 0.8V At 1A p Reverse Battery Protection p Short Circuit Protection p Internal Thermal Overload Protection p Available In 5-Lead Plastic TO-220 And Surface-Mount TO-263 The LX8941 is an adjustable, low dropout regulator rated for more than 1A of output current. It can regulate with as low as 0.8V headroom between the input and output voltages, at 1A output current, thus minimizing power dissipation. In addition, it can be used in applications where worst case supplies require a low input-output differential to maintain regulation. This feature makes it ideal for some processor applications that require 4V operation from a 5V supply. In addition, the LX8941 provides an on/off switch that reduces the IC quiescent current when activated, making it ideal for battery operated applications. PRODUCT HIGHLIGHT PACKAGE ORDER INFORMA TION T A (°C) 0 to 70 LX8941CP LX8941CDD Plastic TO-220 5-pin P Plastic TO-263 5-pin DD 5V 4V 22µF ADJ OUT LX8941 ON OFF 10µF IN DROPOUT VOLTAGE VS. O UTPUT CURRENT VS . TEMPERATURE 100 0 Output Current - (mA) 600 200 100 500 1000 400 500 300 125°C 25°C -40°C A DJUST ABLE L OW D ROPOUT R EGULA TOR P RELIMINAR Y D AT A S HEET T HE I NFINITE P OWER OF I NNOV A TION LX8941 LIN D OC #: 8941 Note: All surface-mount packages are available in Tape & Reel. Append the letter "T" to part number. (i.e. LX8941CDDT) Copyright © 1999 Rev. 0.6 4/99 1 11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570 L IN F INITY M ICROELECTRONICS I NC . NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com. |
Số phần tương tự - LX8941 |
|
Mô tả tương tự - LX8941 |