| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LX5219 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX5219 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 12 page ![]() UL TRA 9-C HANNEL SCSI T ERMINA T O R LX5219 PRODUCT DA T ABOOK 1996/1997 Copyright © 1998 Rev. 1.8 3/98 2 P RODUCTION D ATA S HEET UltraMAX ABSOLUTE MAXIMUM RA TINGS (Note 1) Continuous Termination Voltage .......................................................................... 10V Continuous Output Voltage Range .............................................................. 0 to 5.5V Continuous Disable Voltage Range ............................................................. 0 to 5.5V Operating Junction Temperature ........................................................... 0°C to 125°C Storage Temperature Range ............................................................. -65°C to +150°C Solder Temperature (Soldering, 10 seconds) ................................................... 300°C Note 1. Exceeding these ratings could cause damage to the device. P ACKAGE PIN OUTS THERMAL DATA DW PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 95°C/W PW PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 144°C/W Junction Temperature Calculation: T J = TA + (PD x θJA). The θ JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow. TERM POWER N.C. DISABLE D8 D7 D6 D5 GND TERM POWER N.C. D0 D1 D2 D3 D4 GND 1 16 215 314 413 512 611 710 89 DW PACKAGE (Top View) 20 219 318 417 516 615 714 813 912 10 11 TERM POWER N.C. N.C. D0 D1 D2 D3 D4 N.C. GND TERM POWER DISABLE N.C. D8 D7 N.C. D6 D5 N.C. GND PW PACKAGE (Top View) |