công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LX5202CDWP bảng dữ liệu(PDF) 2 Page - Microsemi Corporation

tên linh kiện LX5202CDWP
Giải thích chi tiết về linh kiện  18-LINE, 關 POWER SCSI TERMINATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5202CDWP bảng dữ liệu(HTML) 2 Page - Microsemi Corporation

  LX5202CDWP Datasheet HTML 1Page - Microsemi Corporation LX5202CDWP Datasheet HTML 2Page - Microsemi Corporation LX5202CDWP Datasheet HTML 3Page - Microsemi Corporation LX5202CDWP Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
18-L INE , µP OWER SCSI T ERMINAT O R
LX5202
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.9
3/98
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
TermPwr Voltage ......................................................................................................... +7V
Signal Line Voltage ............................................................................................ 0V to +7V
Regulator Output Current ........................................................................................... 1.2A
Operating Junction Temperature
Plastic (DWP Package) .......................................................................................... 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
PACKAGE PIN OUTS
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal.
DWP PACKAGE
(Top View)
DISCONNECT
T1
T2
T3
T4
T5
HEAT SINK
HEAT SINK
HEAT SINK
T6
T7
T8
T9
V
TERM
GND
T18
T17
T16
T15
T14
HEAT SINK
HEAT SINK
HEAT SINK
T13
T12
T11
T10
REG OUT
128
227
326
425
524
623
722
821
920
10
19
11
18
12
17
13
16
14
15
DWP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO LEADS,
θθθθθ
JL
18°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
40°C/W
Junction Temperature Calculation: T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
THERMAL DATA
Disconnect
Outputs
Quiescent
Current
L
Enabled
800µA
H
HI Z
60µA
Open
HI Z
60µA
POWER UP / POWER DOWN FUNCTION TABLE



Html Pages

1 2 3 4