công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE91070 bảng dữ liệu(PDF) 1 Page - Pasternack Enterprises, Inc.

tên linh kiện PE91070
Giải thích chi tiết về linh kiện  Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PASTERNACK [Pasternack Enterprises, Inc.]
Trang chủ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91070 bảng dữ liệu(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE91070 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91070 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91070 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
Configuration
Connector 1
2.92mm Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
2.92mm Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Precision
Body Style
Radius Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.5:1
Maximum Insertion Loss, dB
0.5
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range,deg C
+165 to -65
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
2.92mm Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM B-488
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
ASTM A-967
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A-967
Hex Size, Inch
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A-967
Dielectric Type
PTFE
Connector 2
Type
2.92mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM B-488
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
ASTM A-967
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE91070
PE91070
PE91070 REV 1.0
Precision 2.92mm Male to 2.92mm Female
Radius Right Angle Adapter Up To 40GHz


Số phần tương tự - PE91070

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE9107 PASTERNACK-PE9107 Datasheet
75Kb / 2P
BNC MALE TO UHF FEMALE
PE91072 PASTERNACK-PE91072 Datasheet
249Kb / 3P
SMP Female to SMP Female Adapter .370 Special Length
PE91073 PASTERNACK-PE91073 Datasheet
258Kb / 3P
TNC Female to SMP Male Push-On Bulkhead Adapter Limited Detent
PE91074 PASTERNACK-PE91074 Datasheet
246Kb / 3P
Precision SMA Female to ZMA Jack Adapter 3 Lug
PE91075 PASTERNACK-PE91075 Datasheet
249Kb / 3P
Precision SMA Female to ZMA Plug Adapter 3 Lug
More results

Mô tả tương tự - PE91070

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.92mm Male Adapter
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
Precision 2.92mm Male to 2.92mm Female Adapter
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
Precision 2.92mm Female to 2.92mm Female Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9662 PASTERNACK-PE9662 Datasheet
251Kb / 3P
Precision 2.92mm Male to N Female Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
Precision 2.92mm Female to N Male Adapter
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com