| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LX1682 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX1682 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 9 page ![]() V O L T AGE -M ODE PWM C ONTROLLERS LX1681/1682 PRODUCT DA T ABOOK 1996/1997 Copyright © 1999 Rev. 1.0 5/99 2 P RODUCTION D AT A S HEET Supply Voltage (V C1) ............................................................................................ 18V Supply Voltage (V CC) .............................................................................................. 7V Output Drive Peak Current Source (500ns) ....................................................... 1.0A Output Drive Peak Current Sink (500ns) ........................................................... 1.0A Input Voltage (SS/ENABLE Pin) ............................................................. -0.3V to 6V Operating Junction Temperature .................................................................... 150°C Storage Temperature Range ........................................................... -65°C to +150°C Lead Temperature (Soldering, 10 Seconds) .................................................... 300°C Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal. DM PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 165°C/W Junction Temperature Calculation: T J = TA + (PD x θJA). The θ JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow. THERMAL DATA ABSOLUTE MAXIMUM RATINGS (Note 1) PACKAGE PIN OUTS ELECTRICAL CHARACTERISTICS (Unless otherwise specified, 4.75V < V CC < 5.25V and 10.8V < VC1 < 13.2V, 0°C ≤ TA ≤ 70°C. Test conditions: V CC = 5V, VC1 = 12V, T = 25°C.) Reference Parameter Symbol Test Conditions Reference Voltage V FB V OUT = VFB , TA = 25°C V OUT = VFB , 0°C ≤ TA ≤ 70°C Oscillator Frequency F OSC Ramp Amplitude V RAMP Current Set I SET V CS = VCC - 0.4V V TRIP Reference to V CC Current Sense Delayed T CSD Error Amplifier Input Resistance R IN V OUT = VFB Output Drivers Drive Rise Time, Fall Time T RF C L = 3000pF Drive High V DH I SOURCE = 20mA, VC1 = 12V Drive Low V DL I SINK = 20mA, VC1 = 12V UVLO and Soft-Start (SS) V CC5 Start-Up Threshold V ST V C1 > 4.0V Hysteresis SS Resistor R SS SS Output Enable V EN Hiccup Duty Cycle DC HIC C SS = 0.1µF, FREQ = 100Hz Supply Current V CC12 Dynamic Supply Current I CD Out Freq = 200kHz, C L = 3000pF, Synch., VSS > 0.3V Static Supply Current 12V I VC1 V SS < 0.3V 5V I VCC V SS < 0.3V Units 1.237 1.25 1.262 V 1.231 1.269 V LX1681/1682 Min. Typ. Max. 170 190 230 kHz 1.25 V PP 20 k Ω 40 45 µA -460 -400 -340 mV 1.1 µsec 50 ns 10 11 V 0.1 0.2 V 4.0 4.25 4.5 V 0.10 V 20 k Ω 0.25 0.3 0.35 V 10 % 24 28 mA 57 mA 10 12 mA Current Sense DM PACKAGE (Top View) V CC CS V C1 TDRV V FB SS N.C. / GND* GND / BDRV* 1 8 27 36 45 * Pin 3 = N.C. for LX1681, GND for LX1682 Pin 4 = GND for LX1681, BDRV for LX1682 |