công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CSTLS16M9X53-A0 bảng dữ liệu(PDF) 2 Page - Murata Manufacturing Co., Ltd.

tên linh kiện CSTLS16M9X53-A0
Giải thích chi tiết về linh kiện  cost-effective and reliable availability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLS16M9X53-A0 bảng dữ liệu(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSTLS16M9X53-A0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTLS16M9X53-A0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTLS16M9X53-A0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSTLS16M9X53-A0
Specifications
Shape
Lead
Frequency
16.934MHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
20
to
80
Frequency Shift by Temperature
±0.2%
Frequency Aging
±0.2%
Wash
Not avairable
Resonant Impedance
50Ω
Built-in Load Capacitance
15pF
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/30



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com