| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LX1571 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX1571 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation |
|
2 / 12 page ![]() PHASE MODULATED AC SYNCHRONOUS SECONDARY-SIDE CONTROLLER LX1570/1571 PRODUCT DA T ABOOK 1996/1997 Copyright © 1997 Rev. 0.9.3 1/97 2 P RELIMINAR Y D AT A S HEET ABSOLUTE MAXIMUM RATINGS (Note 1) Supply Voltage (V CC) .................................................................................................... 40V Digital Inputs ....................................................................................................... -0.3 to 7V Output Peak Current Source (500nS) ........................................................................... 1A Output Peak Current Sink (500nS) ................................................................................ 1A PACKAGE PIN OUTS C T V CC OUT DRV GND S.S. V FB COMP C.S. 1 8 27 36 45 M & Y PACKAGE (Top View) DM PACKAGE (Top View) C T V CC OUT DRV GND S.S. V FB COMP C.S. 1 8 27 36 45 Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal. LX1571 BLOCK DIAGRAM THERMAL DATA M PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 95°C/W DM PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 165°C/W Y PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 130°C/W Junction Temperature Calculation: T J = T A + (P D x θ JA ). The θ JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow. Error Amp Voltage Hiccup Comp. 2.5V Minimum Current Comp C.S. Comp Current Mode Hiccup Comp R S Q PWM Latch 7 6 5 GND V CC OUT DRV 6V R S Q Q Hiccup Latch 2R R Internal Bias 2.5V REF 1V 5V 2.5V 16V 1.5V 0.25V 0.5V 4 3 2 1 S.S. V FB COMP C.S. 8 C T Voltage Mode Hiccup Timing / Duty Cycle Control CHG CONTROL QUICK CHG CONTROL LATCH RESET CONTROL LATCH SET CONTROL VALLEY THRESHOLD CONTROL DISCH CONTROL |