| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KV2113 bảng dữ liệu(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
KV2113 bảng dữ liệu(HTML) 1 Page - Microsemi Corporation |
|
1 / 4 page ![]() PRODUCT PREVIEW Microsemi Microwave Products Division 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 1 Copyright 2000 MSC1375.PDF 2000-11-06 KV1913A thru GC1310 ENHANCED PERFORMANCE SURFACE MOUNT "EPSM" PACKAGED DEVICES M I CR O W A V E P RO D UCT S D IV I S IO N DESCRIPTION Our EPSM packaged devices are designed for the most demanding commercial and Military requirements where the inconsistency of performance inherent in plastic surface mount packages cannot be tolerated. These package styles extend the surface mount construction format to 6 GHz for high performance wireless applications including VCO's, limiters, pin switches and pin attenuators. Select varactors from three families of C/V curves for designs through 6 GHz. They are available in multiple chip configuration as well as outlines which directly replace SOT-23 and SOD-323 devices. Other devices and values are always available - contact our applications engineering department for more details. IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com KEY FEATURE S KEY FEATURE S KEY FEATURE S KEY FEATURE S !"Frequencies from VHF to 6 GHz !"Lower Parasitics !"Mil Grade Ceramic/Epoxy Amalgam Construction !"Dense SiO2 Junction Passivation !"Superior Consistency/Repeatability !"Footprints Available for SOT-23/SOD-323/SOD-123 !"Priced for Commercial Products !"Tape & Reel for Volume Pick & Place APPLICATIONS/BENEFIT APPLICATIONS/BENEFIT APPLICATIONS/BENEFIT APPLICATIONS/BENEFITS SS S !"High performance wireless surface mounting including: !"GSM !"TAGS !"WANS !"PCS !"AMPS !"DECT !"CELLULAR |
Số phần tương tự - KV2113 |
|
Mô tả tương tự - KV2113 |