| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CF5741AA bảng dữ liệu(PDF) 5 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
CF5741AA bảng dữ liệu(HTML) 5 Page - Nippon Precision Circuits Inc |
|
5 / 7 page ![]() CF5741 series NIPPON PRECISION CIRCUITS—5 Reset Function RST/TC goes to active level when motor output can be stopped. Motor output(AO1,AO2) restart of another stopped output after reset off. Alarm Output Alarm input/output *1 : AO2 / F is the reverse phase of AO1, when output is active. *2 : AO2 / F is complete reverse phase of AO1. fPW : Alarm fundamental frequency fCY : Alarm modulation frequency OUT1 (Active High) OUT2 (Active High) tPW tPW tCY tCY RST/TC (Active Low) tCY +0 −125msec tON AO1 (Active High) AO2/F (Active High) AI (Active Low) AO2/F (Active Low) fPW(Hz) fCY (Hz) tON *2 *1 |