| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS36-030-C2 bảng dữ liệu(PDF) 1 Page - TRIAD MAGNETICS |
|
|
|||||||||||||||||||||||||||||
FS36-030-C2 bảng dữ liệu(HTML) 1 Page - TRIAD MAGNETICS |
|
|
1 / 1 page ![]() CLASS 3 TRANSFORMER www.TriadMagnetics.com Phone: (951) 277-0757 Fax: (951) 277-2757 460 Harley Knox Blvd. Perris, CA 92571 Publish Date: December 4, 2013 FS36-030-C2 Description: The FS36-030-C2 is a series/parallel primary and dual secondary, split bobbin design which operates with either a parallel input of 115V or a series input of 230V. The secondaries are 18V @ 0.03A each. They can be used independently (up to 300V difference between them) or in series for double the voltage or in parallel for double the current. The split bobbin design eliminates the need for costly electrostatic shielding. Electrical Specifications (@25C) 1. Maximum Power: 1.1VA 2. Primary: Series: 230V; Parallel: 115V 3. Secondaries: 18.0V @ 0.03A each 4. Voltage Regulation: 25% TYP @ full load to no load 5. Temperature Rise: 25C TYP 6. Hipot tested 100% at 4200 VRMS pri to sec 7. Hipot tested 100% at 2160 VRMS sec to sec 8. Inherently Limited. No fusing required. Construction: Three flange bobbin construction with primaries and secondaries wound side by side for low capacitive coupling. UL Class F Insulation System (155°C). Agency File: UL: File E65390, UL 5085-1 & 3 (1585), Class 3 Transformer cUL: File E65390, UL 5085-1 & 3 (1585) For Canadian Use (CSA 22.2, No.66.3-06) TUV Certificate No.: R72120839, EN61558, Safety Isolating xfmr, general use Dimensions: Units in inches. H W L A B C D E F 0.937 1.125 1.375 0.250 0.250 1.200 0.041 0.020 0.234 Weight: 0.17 lbs Schematic: RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2011/65/EU, known as the RoHS initiative. Note: Order and shipping documentation may have a “-B” suffix; this indicates Bulk packaging but does not show on the actual part number marked on the transformer . * Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the most current version. 12 3 4 L H W E A B A C 0.06" DIAMETER HOLE D F 1 5 8 4 Board Layout 5 PARALLEL 4 3 2 1 18V @ 0.03A 4 3 2 1 SERIES 115V 50/60Hz 6 7 8 1 2 3 4 18V @ 0.03A 230V 50/60Hz |
Số phần tương tự - FS36-030-C2 |
|
Mô tả tương tự - FS36-030-C2 |