công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCC28220 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện UCC28220
Giải thích chi tiết về linh kiện  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UCC28220 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  UCC28220_15 Datasheet HTML 1Page - Texas Instruments UCC28220_15 Datasheet HTML 2Page - Texas Instruments UCC28220_15 Datasheet HTML 3Page - Texas Instruments UCC28220_15 Datasheet HTML 4Page - Texas Instruments UCC28220_15 Datasheet HTML 5Page - Texas Instruments UCC28220_15 Datasheet HTML 6Page - Texas Instruments UCC28220_15 Datasheet HTML 7Page - Texas Instruments UCC28220_15 Datasheet HTML 8Page - Texas Instruments UCC28220_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
UCC28220, UCC28221
SLUS544E − SEPTEMBER 2003 − REVISED MARCH 2009
3
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)†}
Parameter
UCC2822X
UNIT
High voltage start-up input, VIN
110
V
Supply voltage, VDD
15
V
Output current (OUT1, OUT2) dc , IOUT(dc)
±10
mA
OUT1/ OUT2 capacitive load
200
pF
REF output current, IREF
10
mA
Current sense inputs, CS1, CS2
−1.0 to 2.0
V
Analog inputs (CHG, DISCHG, SLOPE, REF, CNTRL)
−0.3 to 3.6
V
Analog inputs (SS, LINEOV, LINEUV, LINEHYS)
−0.3 to 7.0
V
Power dissipation at TA = 25°C (PW package)
400
mW
Power dissipation at TA = 25°C (D package)
650
mW
Junction operating temperature, TJ
−55 to 150
°C
Storage temperature, Tstg
−65 to 150
°C
Lead temperature (soldering, 10 sec.), Tsol
300
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute−maximum−rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal. Consult Packaging Section of the Databook
for thermal limitations and considerations of packages.
ELECTRICAL CHARACTERISTICS:
VDD = 12 V, 0.1-µF capacitor from VDD to GND, 0.1-µF capacitor from REF to GND, FOSC = 1 MHz, TA = −40°C to
105
°C, TA = TJ, (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Overall Section
Operating VDD range
8.4
14.5
V
Quiescent current
SS = 0 V, no switching, Fosc = 1 MHz
1.5
3
4
mA
Operating current
Outputs switching, Fosc = 1 MHz
1.6
3.5
6
mA
Startup Section
Startup current
UCC28220 VDD < (UVLO−0.8)
200
µA
UVLO start threshold
UCC28220
9.5
10
10.5
UVLO start threshold
UCC28221
12.3
13
13.7
V
UVLO stop threshold
7.6
8
8.4
V
UVLO hysteresis
UCC28220
1.8
2
2.2
V
UVLO hysteresis
UCC28221
4.8
5
5.2
JFET ON threshold
SS = 0, outputs not switching, VDD decreasing
9.5
10
10.5
V
JFET ON threshold
SS = 2 V,Cntrl = 2 V, output switching, VDD decreasing;
same threshold as UVLO stop
7.6
8
8.4
V
High voltage JFET current
VIN = 36 V to 76 V, VDD = 0 V
16
48
100
High voltage JFET current
VIN = 36 V to 76 V, VDD = 10 V
4
16
40
mA
High voltage JFET current
VIN = 36 V to 76 V, VDD < UVLO
4
12
40
mA
JFET leakage
VIN = 36 V to 76 V, VDD = 14 V
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com