| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HDV24VL bảng dữ liệu(PDF) 13 Page - AMIC Technology |
|
|
|||||||||||||||||||||||||||||
HDV24VL bảng dữ liệu(HTML) 13 Page - AMIC Technology |
|
13 / 18 page ![]() © 2003 High Bandwidth Access, Inc. All rights reserved. Product specifications subject to change without notice. HDV24VL October 2003 ADP II 3HD166B Page 13 of 13 A0-A2 SEM I/O R/W OE Valid Address Valid Address tSAA tACE tWR tAW tEW tSOP t OH DATAOUT Valid (2) DATAIN Valid tDW tDH tWP t AS tSWRD tAOE Write Cycle Read Cycle NOTES: 1. CE _____ = VIH or UB ______ and LB ______ = VIH for the duration of the above timing (both write and read cycle) . 2. “DATA OUT VALID” represents all I/O’s (I/O0-15) equal to the semaphore value. Diagram 5. Semaphore Read after Write Timing, Either Side SIDE A SIDE B A0A-A2A R/WA SEMA A0B-A2B R/WB SEM B Match Match t SPS NOTES: 1. DOR = DOL = VIL, CE _____ L = CE _____ R =VIH or both UB ______ and LB ______ =VIH. 2. Timing for both ports is the same. Port B is opposite of port A. 3. This parameter is measured from R/W ____ A or SEM ________ A =VIH to R/W ____ B or SEM ________ B = VIH. 4. The semaphore will be sent to either side if tSPS is not met. It cannot be guaranteed which side receives semaphore. . Diagram 6. Semaphore Write Contention |