| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KAF-8300 bảng dữ liệu(PDF) 17 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAF-8300 bảng dữ liệu(HTML) 17 Page - ON Semiconductor |
|
17 / 28 page ![]() KAF−8300 www.onsemi.com 17 Capacitance Equivalent Circuit Figure 11. Equivalent Circuit Model V2 H2 CfV2 CfV1 CfH1L CfH2 CfH1 CfH12 RH1LH1 V1 SUB H1L H1 1. The external pin names are actual pins on this image sensor. See the pinout diagram (Figure 6) for more information. 2. The components shown in this schematic model do not correspond to actual components inside the image sensor. Notes: CfV12 Table 13. Parameter Value (Typical) Unit CfV1 61 nF CfV12 15 nF CfV2 67 nF CfH1 153 pF CfH12 36 pF CfH2 97 pF CfH1L 7 pF RH1LH1 52 k W |