công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5032MTC/NOPB bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5032MTC/NOPB
Giải thích chi tiết về linh kiện  High-Voltage Dual Interleaved Current Mode Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM5032MTC/NOPB bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button LM5032MTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 13Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 14Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 15Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 16Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 17Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 18Page - Texas Instruments LM5032MTC/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
DC1
0.5V
Clk1, Clk2
0.5V
5.0V
2.55V
Restart
Comparator
Q
S
R
Drivers Off
Restart
Latch
DC2
SS1
SS2
To Output
Drivers
PWM #1
PWM #2
COMP2
COMP1
CS2
CS1
Current
Sense Circuit
RES
Soft-start #1
Soft-start #2
Voltage
Feedback
Voltage
Feedback
LM5032
SS2
SS1
49 2A
Restart
Current
Source
Logic
Drivers Off
SS1
200 mV
SS
Logic
SS2
200 mV
SS
Logic
Current
Limit
Current
Sense Circuit
20 2A
CSS1
CSS2
Current
Limit
49 2A
12A
12A
C RES
10 2A
LM5032
www.ti.com
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
Feature Description (continued)
resets the Restart Latch. The SS charging currents are increased to 50 µA and the soft-start sequence
continues at the normal rate.
If the overload condition still exists, the voltage at RES begins to increase again and repeat the restart cycle as
shown in Figure 17. If the overload condition has been cleared, the RES pin is held at ground by the 10 µA
current source.
c) Current limit repeatedly detected at one of the two CS inputs:
In this condition the RES pin capacitor is charged by the 20 µA current source once each clock cycle of the
current limited regulator, and discharged by the 10 µA current source once each clock cycle of the unaffected
regulator. The voltage at the RES pin increases one fourth as fast as in case b) described above. The current
limited regulator operates in a cycle-by-cycle current limit mode until the voltage at RES reaches the 2.55V
threshold. When the Restart Comparator output switches high the Restart Latch is set, both SS pin capacitors
are discharged to disable the regulator channels, and a restart sequence begins as described in case b) above.
To determine the value of the RES pin capacitor, see the Applications Information section.
Figure 16. Current Limit Restart Circuit
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com