| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MT4LC4M4E8DJS bảng dữ liệu(PDF) 22 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
MT4LC4M4E8DJS bảng dữ liệu(HTML) 22 Page - Micron Technology |
|
22 / 23 page ![]() 4 Meg x 4 EDO DRAM Micron Technology, Inc., reserves the right to change products or specifications without notice. D47.pm5 – Rev. 3/97 ©1997, Micron Technology, Inc. 22 4 MEG x 4 EDO DRAM TECHNOLOGY, INC. 24/26-PIN PLASTIC SOJ (300 mil) DA-2 R .299 (7.59) .305 (7.75) .679 (17.25) .673 (17.09) .340 (8.64) .330 (8.38) .050 (1.27) TYP .600 (15.24) TYP PIN #1 INDEX .020 (0.51) .015 (0.38) .132 (3.35) .142 (3.61) .109 (2.77) .094 (2.39) .260 (6.60) .275 (6.99) .030 (0.76) .040 (1.02) SEATING PLANE .025 (0.64) MIN .037 (0.94) MAX DAMBAR PROTRUSION .026 (0.66) .032 (0.81) NOTE: 1. All dimensions in inches (millimeters) MAX or typical where noted. MIN 2. Package width and length do not include mold protrusion; allowable mold protrusion is .01" per side. |