| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0134CSSM00SUEAH-GEVB bảng dữ liệu(PDF) 21 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0134CSSM00SUEAH-GEVB bảng dữ liệu(HTML) 21 Page - ON Semiconductor |
|
21 / 41 page ![]() AR0134_DS Rev. G Pub. 6/15 EN 21 ©Semiconductor Components Industries, LLC,2015. AR0134: 1/3-Inch 1.2 Mp CMOS Digital Image Sensor Two-Wire Serial Register Interface Sequential WRITE, Start at Random Location This sequence (Figure 13) starts in the same way as the single WRITE to random location (Figure 12). Instead of generating a no-acknowledge bit after the first byte of data has been transferred, the master generates an acknowledge bit and continues to perform byte WRITEs until “L” bytes have been written. The WRITE is terminated by the master generating a stop condition. Figure 13: Sequential WRITE, Start at Random Location Slave Address 0 S A Reg Address[15:8] A A Reg Address[7:0] A Previous Reg Address, N Reg Address, M M+1 M+2 M+1 M+3 A A A M+L-2 M+L-1 M+L A A P Write Data Write Data Write Data Write Data Write Data |