| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASX340AT bảng dữ liệu(PDF) 59 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASX340AT bảng dữ liệu(HTML) 59 Page - ON Semiconductor |
|
59 / 75 page ![]() ASX340AT/D Rev. H, 8/15 EN 59 ©Semiconductor Components Industries, LLC, 2015. ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor Modes and Timing Figure 39: Power Up Sequence Notes: 1. Delay between VDD and EXTCLK depends on customer devices, i.e. Xtal, Oscillator, and so on. There is no requirement on this from the sensor. 2. Hard reset time is the minimum time required after power rails are settled. Ten clock cycles are required for the sensor itself, assuming all power rails are settled. In a circuit where Hard reset is performed by the RC circuit, then the RC time must include the all power rail settle time and Xtal. 3. The time for Patch Config SPI or Host, that is, t5, depends on the patches being applied. Table 32: Power Up Sequence Definition Symbol Minimum Typical Maximum Unit VDD_PLL to VAA/VAA_PIX t0 0 – – s VAA/VAA_PIX to VDD_IO t1 0 – – s VDD_IO to VDD t2 0 – – s Hard Reset t3 2 – – s Internal Initialization t4 14 – – ms VDD (1.8) VAA_PIX VAA (2.8) VDD_PLL VDD_DAC (2.8) EXTCLK RESET_BAR VDD_IO (2.8) t3 t4 t5 t0 t1 Hard Reset Internal Initialization Patch Config SPI or Host Streaming t2 |