| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0331 bảng dữ liệu(PDF) 16 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0331 bảng dữ liệu(HTML) 16 Page - ON Semiconductor |
|
16 / 72 page ![]() AR0331_DS Rev. L Pub. 5/15 EN 15 ©Semiconductor Components Industries, LLC, 2015. AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor Functional Overview RESET_BAR H8 Input Asynchronous reset (active LOW). All settings are restored to factory default. SHUTTER E8 Output Control for external mechanical shutter. Can be left floating if not used. FLASH E4 Output Flash control output. NC A8, E7 Reserved F8 Table 3: Pin Descriptions, 9.5 x 9.5 mm, 63-ball iBGA (continued) Name iBGA Pin Type Description |