công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR0130CSSC00SPBA0-DR bảng dữ liệu(PDF) 24 Page - ON Semiconductor

tên linh kiện AR0130CSSC00SPBA0-DR
Giải thích chi tiết về linh kiện  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR bảng dữ liệu(HTML) 24 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR Datasheet HTML 20Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 21Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 22Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 23Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 24Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 25Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 26Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 27Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
24
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Features
Maintaining a Constant Frame Rate
Maintaining a constant frame rate while continuing to have the ability to adjust certain
parameters is the desired scenario. This is not always possible, however, because register
updates are synchronized to the read pointer, and the shutter pointer for a frame is
usually active during the readout of the previous frame. Therefore, any register changes
that could affect the row time or the set of rows sampled causes the shutter pointer to
start over at the beginning of the next frame.
By default, the following register fields cause a “bubble” in the output rate (that is, the
vertical blank increases for one frame) if they are written in video mode, even if the new
value would not change the resulting frame rate. The following list shows only a few
examples of such registers; a full listing can be seen in the AR0130 Register Reference.
•x_addr_start
• x_addr_end
• y_addr_start
• y_addr_end
• frame_length_lines
• line_length_pclk
• coarse_integration_time
• fine_integration_time
•read_mode
The size of this bubble is (Integration_Time × tROW), calculating the row time according
to the new settings.
The Coarse_Integration_Time and Fine_Integration_Time fields may be written to
without causing a bubble in the output rate under certain circumstances. Because the
shutter sequence for the next frame often is active during the output of the current
frame, this would not be possible without special provisions in the hardware. Writes to
these registers take effect two frames after the frame they are written, which allows the
integration time to increase without interrupting the output or producing a corrupt
frame (as long as the change in integration time does not affect the frame time).
Synchronizing Register Writes to Frame Boundaries
Changes to most register fields that affect the size or brightness of an image take effect
on the frame after the one during which they are written. These fields are noted as
“synchronized to frame boundaries” in the AR0130 Register Reference. To ensure that a
register update takes effect on the next frame, the write operation must be completed
after the leading edge of FV and before the trailing edge of FV.
As a special case, in single frame mode, register writes that occur after FV but before the
next trigger will take effect immediately on the next frame, as if there had been a Restart.
However, if the trigger for the next frame occurs during FV, register writes take effect as
with video mode.
Fields not identified as being frame-synchronized are updated immediately after the
register write is completed. The effect of these registers on the next frame can be difficult
to predict if they affect the shutter pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com