| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML6460CS bảng dữ liệu(PDF) 8 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6460CS bảng dữ liệu(HTML) 8 Page - Micro Linear Corporation |
|
8 / 30 page ![]() ML6460 8 HSYNC Line 3 Line 4 Line 5 Line 6 HSYNC Line 265 Line 266 Line 267 Line 268 VSYNC VSYNC Beginning of an Odd Field Beginning of an Even Field Line 269 Coincident Active Edges Figure 1. Example of the Beginning of the Odd And Even Fields vs. HSYNC and VSYNC in Master Mode. (SLAVE/MASTER = 0, SENSE_HSYNC = 0, SENSE_VSYNC ===== 0) fields or as an output to monitor odd/even fields or analog fields (1-2) and (3-4). The ML6460 also supports a frame based synchronization mode (B17 = FSYNC = 1) where a FUNCTIONAL DESCRIPTION (Continued) vertical reset pulse unconditionally resets the vertical line counter to line 4. For proper operation only one active edge should be sent per frame. The polarity is controlled by SENSE_VSYNC (B10). |