công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML6426CS-3 bảng dữ liệu(PDF) 7 Page - Micro Linear Corporation

tên linh kiện ML6426CS-3
Giải thích chi tiết về linh kiện  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRO-LINEAR [Micro Linear Corporation]
Trang chủ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6426CS-3 bảng dữ liệu(HTML) 7 Page - Micro Linear Corporation

Back Button ML6426CS-3 Datasheet HTML 3Page - Micro Linear Corporation ML6426CS-3 Datasheet HTML 4Page - Micro Linear Corporation ML6426CS-3 Datasheet HTML 5Page - Micro Linear Corporation ML6426CS-3 Datasheet HTML 6Page - Micro Linear Corporation ML6426CS-3 Datasheet HTML 7Page - Micro Linear Corporation ML6426CS-3 Datasheet HTML 8Page - Micro Linear Corporation ML6426CS-3 Datasheet HTML 9Page - Micro Linear Corporation ML6426CS-3 Datasheet HTML 10Page - Micro Linear Corporation ML6426CS-3 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ML6426
7
November, 1999
SMPTE
1920
1080
60I
60Hz
35.3KHz
81MHz
40.5MHz
ML6426-6
274M
1920
1080
30P, 24P
60Hz
70.6KHz
162MHz
81MHz
N/A
SMPTE
1280
720
60P, 30P,
60Hz
47.1KHz
60MHz
30MHz
ML6426-5
24P
ML6426-4
704
480 (Note 1)
60I
60Hz
15.7KHz
13.5MHz
6.75MHz
ML6426-1
704
480
60P, 30P,
60Hz
31KHz
27MHz
13.5MHz
ML6426-2
24P
ML6426-4
640
480 (Note 1)
60I
60Hz
15.7KHz
24.5MHz
12MHz
ML6426-2
640
480
60P, 30P,
60Hz
31KHz
12.27MHz
6MHz
ML6426-1
24P
P=progressive scan, I=interlaced scan, na = not available
Note 1: NTSC display rates, can be fed directly into NTSC encoder (set top box)
Note 2: 60 Hz also includes 59.94Hz
Note 3: custom frequencies ranging ± 3 to 6MHz can be special cut to order
Table 2: Choosing the Correct Reconstruction Filter and Video Amplifier for TV Applications, ML6426 options
TYPICAL APPLICATIONS
RECONSTRUCTION FILTER SELECTION FOR HDTV AND
VGA SIGNAL FILTERING
The filtering requirements for HDTV and VGA standards
vary depending on the resolution of the image to be
displayed, and its refresh rate. The actual refresh rate of
the display is not necessarily the same as the transmission
rate of the frames of images. Some formats use a frame
rate of 30Hz, but the display of those formats cannot be
scanned onto the CRT at 30Hz. Excessive large area
flicker would result. Such kinds of flicker can be seen on
a PAL display with its brightness set high. To avoid this,
the video will need to be stored in a frame buffer. This
buffer already exists in the MPEG decoder of HDTV
systems, so there is no cost penalty. The buffer is read out
at twice the rate as the frame rate for 30Hz systems, thus
getting us a refresh rate of 60Hz. Similar things are done
for the 24Hz frame rate formats to boost them to a 60Hz
refresh rate.
PIXELS
VERTICAL LINES
ASPECT RATIO
PICTURE TRANSMISSION RATE
1920
1080
16:9
60I, 30P, 24P
1280
720
16:9
60P, 30P, 24P
704
480
16:9 and 4:3
60P, 60I, 30P,24P
640
480
4:3
60P, 60I, 30P,24P
P=progressive scan, I=interlaced scan
Table 1: HDTV / Advanced TV Applications: (From Table 10.3 from ATSC document A54)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com