công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML6420CS-3 bảng dữ liệu(PDF) 8 Page - Micro Linear Corporation

tên linh kiện ML6420CS-3
Giải thích chi tiết về linh kiện  Triple/Dual Phase-Equalized, Low-Pass Video Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRO-LINEAR [Micro Linear Corporation]
Trang chủ  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6420CS-3 bảng dữ liệu(HTML) 8 Page - Micro Linear Corporation

Back Button ML6420CS-3 Datasheet HTML 4Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 5Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 6Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 7Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 8Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 9Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 10Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 11Page - Micro Linear Corporation ML6420CS-3 Datasheet HTML 12Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ML6420
8
RGB: When the bandwidth of each signal is the same,
then the 5.5MHz or 8.0MHz/9.3MHz are appropriate
depending on the sampling rate. (13.5MHz vs 27MHz)
YUV: When the luminance bandwidth is different from the
color bandwidth, the ML6420-4 with the 8.0, 3.0 and
3.0MHz filters are more appropriate.
S-Video: For Y/C (S-video) and Y/C + CV (Composite
Video) systems the ML6420 with 5.5MHz or 8.0MHz
filters or ML6422 with 5.5MHZ and 9.3MHz filters are
appropriate. In NTSC the C signal occupies the bandwidth
from about 2.6MHz to about 4.6MHz, while in PAL the C
signal occupies the bandwidth from about 3.4MHz to
about 5.4MHz. In both cases, a 5.5MHz low pass filter
provides adequate rejection for both sampling and
reconstruction. In addition, using the same filter for both Y/
C and CV maintains identical signal timing
without adjustments.
Composite: When one or more composite signals need to
be filtered, then the 5.50MHz, 8.0MHz, or 9.3MHz filters
permit filtering of one, two or three composite signals.
4X Over sampling: While the ML6420 filters can eliminate
the need for over sampling combined with digital filtering,
there are times when over sampling is needed. For these
situations, 8.0MHz or 9.3MHz is used in place of
5.5MHz, and 3.0MHz is used in place
of 1.8MHz.
NTSC/PAL: A 5.50MHz cut-off frequency provides good
filtering for 4.2MHz, 5.0MHz.
Sinx/x: For digital video system with output D/A converters,
there is a fall-off in response with frequency due to discrete
sampling. The fall-off follows a sinx/x response. The ML6421
and ML6423 filters have a complementary boost to provide
a flatter overall response. The boost is designed for 13.5MHz
and 27MHz Y/C and CV sampling and 6.75MHz or
13.5MHz U/V sampling. The ML6421 has the same pin-out
as the ML6420.
TYPICAL CLAMPING SCHEMES
Figures 8 and 9 show two typical applications of the
ML6420 for anti-aliasing prior to A-to-D conversion. In
Figure 8, a single precision digital feedback clamp circuit
includes both the ADC and the ML6420. This establishes
the proper DC operating point for the ML6420 (with
RANGE input = 0V, 0.5V
£ VIN £ 1.5V; with RANGE input
= 5V, 0.0
£ VIN £ 1.0V.) and the ADC. Figure 8 is typically
used with ADC’s that require external clamp circuitry.
Figure 9 shows AC coupled application for ADC’s with
built-in clamps. In this case, the clamp is internal to the
ADC and the ML6420 uses a simple coarse clamp at its
input to establish the proper operating point.
USING VIDEO FILTERS
The ML6420 are monolithic, triple/dual lowpass filters
intended for input anti-aliasing prior to analog to digital
conversion in video systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com