| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML4900CS bảng dữ liệu(PDF) 8 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML4900CS bảng dữ liệu(HTML) 8 Page - Micro Linear Corporation |
|
8 / 8 page ![]() ML4900 8 Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application. DS4900-01 PHYSICAL DIMENSIONS inches (millimeters) ORDERING INFORMATION PART NUMBER TEMPERATURE RANGE PACKAGE ML4900CS (End Of Life) 0ºC to 70ºC 16-Pin Narrow SOIC (S16N) ML4900CT (Obsolete) 0ºC to 70ºC 20-Pin TSSOP (T20) 2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295 © Micro Linear 1997 is a registered trademark of Micro Linear Corporation. Pentium is a registered trademark of Intel Corporation. Products described herein may be covered by one or more of the following patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,594,376. Other patents are pending. SEATING PLANE 0.148 - 0.158 (3.76 - 4.01) PIN 1 ID 0.228 - 0.244 (5.79 - 6.20) 0.386 - 0.396 (9.80 - 10.06) 0.012 - 0.020 (0.30 - 0.51) 0.050 BSC (1.27 BSC) 0.015 - 0.035 (0.38 - 0.89) 0.059 - 0.069 (1.49 - 1.75) 0.004 - 0.010 (0.10 - 0.26) 0.055 - 0.061 (1.40 - 1.55) 16 0.006 - 0.010 (0.15 - 0.26) 0º - 8º 1 0.017 - 0.027 (0.43 - 0.69) (4 PLACES) Package: S16N 16-Pin Narrow SOIC SEATING PLANE 0.169 - 0.177 (4.29 - 4.50) 0.246 - 0.258 (6.25 - 6.55) 0.251 - 0.262 (6.38 - 6.65) 0.008 - 0.012 (0.20 - 0.30) 0.026 BSC (0.65 BSC) 0.020 - 0.028 (0.51 - 0.71) 0.043 MAX (1.10 MAX) 0.002 - 0.006 (0.05 - 0.15) 0.033 - 0.037 (0.84 - 0.94) 0.004 - 0.008 (0.10 - 0.20) 0º - 8º PIN 1 ID 20 1 Package: T20 20-Pin TSSOP |